Electronic Components Datasheet Search
  English  ▼

X  

TPS62290DRVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS62290DRVR Datasheet HTML 10Page - Texas Instruments TPS62290DRVR Datasheet HTML 11Page - Texas Instruments TPS62290DRVR Datasheet HTML 12Page - Texas Instruments TPS62290DRVR Datasheet HTML 13Page - Texas Instruments TPS62290DRVR Datasheet HTML 14Page - Texas Instruments TPS62290DRVR Datasheet HTML 15Page - Texas Instruments TPS62290DRVR Datasheet HTML 16Page - Texas Instruments TPS62290DRVR Datasheet HTML 17Page - Texas Instruments TPS62290DRVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
GND
EN
FB
SW
MODE
V
2.3Vto6V
IN
C
10 F
IN
m
VIN
TPS62290DRV
L
2.2 H
1
m
R
360k
1
W
R
180k
2
W
C
22pF
1
C
10 F
OUT
m
V
1.8V,
Upto1A
OUT
VIN
GND
EN
FB
SW
MODE
V
3.3Vto6V
IN
C
10 F
IN
m
TPS62290DRV
L
2.2 H
1
m
R
182k
2
W
R
820k
1
W
C
22pF
1
C
10 F
OUT
m
V
3.3V,
Upto1A
OUT
VIN
GND
EN
FB
SW
MODE
V
=3.3Vto6V
IN
TPS62291DRV
Upto1 A
V
=3.3V
OUT
C
10 F
IN
m
L1
2.2 H
m
C
10 F
OUT
m
VIN
GND
EN
FB
SW
MODE
TPS62293DRV
V
=2.3Vto6V
IN
C
10 F
IN
m
L1
2.2 H
m
V
1.8V
Upto1 A
OUT
C
10 F
OUT
m
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
Figure 20. TPS62290DRV Adjustable 1.8 V
Figure 21. TPS62290DRV Adjustable 3.3 V
Figure 22.
Figure 23.
14
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62290 TPS62291 TPS62293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com