Electronic Components Datasheet Search
  English  ▼

X  

B7680 Datasheet(PDF) 4 Page - EPCOS

Part # B7680
Description  SAW Duplexer WCDMA Band IV (AWS)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7680 Datasheet(HTML) 4 Page - EPCOS

  B7680 Datasheet HTML 1Page - EPCOS B7680 Datasheet HTML 2Page - EPCOS B7680 Datasheet HTML 3Page - EPCOS B7680 Datasheet HTML 4Page - EPCOS B7680 Datasheet HTML 5Page - EPCOS B7680 Datasheet HTML 6Page - EPCOS B7680 Datasheet HTML 7Page - EPCOS B7680 Datasheet HTML 8Page - EPCOS B7680 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
June 06, 2008
B7680
1732.5 / 2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX = 100 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2132.5
MHz
Maximum insertion attenuation
@fcarrier2112.4 ... 2152.6 MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction“). Please refer to annotation on page (6).
2.1
2.5
dB
Amplitude ripple (p-p)
@fcarrier2112.4 ... 2152.6 MHz
∆α
WCDMA
1)
0.3
1.0
dB
Amplitude ripple (p-p)
per 5 MHz-channel
2110.0
... 2155.0
MHz
∆α
ch
0.2
0.5
dB
Error Vector Magnitude
@fcarrier2112.4 ... 2152.6 MHz EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
0.5
2.0
%
Input VSWR (ANT port)
2110.0
... 2155.0
MHz
1.6
2.0
Output VSWR (RX port)
2110.0
... 2155.0
MHz
1.8
2.0
Output phase balance (
φ(S31)−φ(S21)+180˚)
2110.0
... 2155.0
MHz
-10
-7
10
degree
Output amplitude balance (|S31/S21|)
2110.0
... 2155.0
MHz
-1.0
0.5
1.0
dB
IMD Product Level Limits
at fTX = 1732.5 MHz fRX = 2132.5 MHz3)
3) Power levels: 21 dBm Tx signal, -15dBm blocker at antenna port.
Blocker 1
400 MHz
-123
-106
dBm
Blocker 2
2 fTX +400 MHz
-112
-106
dBm
Blocker 3
fTX -400 MHz
-114
-109
dBm
Blocker 4
3 fTX + 400 MHz
-125
-109
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com