Electronic Components Datasheet Search
  English  ▼

X  

B7680 Datasheet(PDF) 5 Page - EPCOS

Part # B7680
Description  SAW Duplexer WCDMA Band IV (AWS)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7680 Datasheet(HTML) 5 Page - EPCOS

  B7680 Datasheet HTML 1Page - EPCOS B7680 Datasheet HTML 2Page - EPCOS B7680 Datasheet HTML 3Page - EPCOS B7680 Datasheet HTML 4Page - EPCOS B7680 Datasheet HTML 5Page - EPCOS B7680 Datasheet HTML 6Page - EPCOS B7680 Datasheet HTML 7Page - EPCOS B7680 Datasheet HTML 8Page - EPCOS B7680 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
June 06, 2008
B7680
1732.5 / 2132.5 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX = 100 Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Attenuation
α
10.0
... 1710.0
MHz
35
49
dB
@fcarrier1712.4 ... 1752.6 MHz αWCDMA1)
1) Attenuation of WCDMA signal (“Powertransferfunction“). Please refer to annotation on page (6).
45
54
dB
1755.0
... 2025.0
MHz
15
33
dB
2240.0
... 2400.0
MHz
15
33
dB
2400.0
... 2484.0
MHz
30
42
dB
2484.0
... 6000.0
MHz
35
40
dB
6000.0
... 6475.0
MHz
-
53
dB
10540.0
... 10785.0
MHz
-
28
dB
Characterisitcs TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction“). Please refer to annotation on page (6).
@fcarrier1712.4 ... 1752.6 MHz
53
56
dB
@fcarrier2112.4 ... 2152.6 MHz
43
47
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com