Electronic Components Datasheet Search
  English  ▼

X  

B7680 Datasheet(PDF) 6 Page - EPCOS

Part # B7680
Description  SAW Duplexer WCDMA Band IV (AWS)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7680 Datasheet(HTML) 6 Page - EPCOS

Back Button B7680 Datasheet HTML 2Page - EPCOS B7680 Datasheet HTML 3Page - EPCOS B7680 Datasheet HTML 4Page - EPCOS B7680 Datasheet HTML 5Page - EPCOS B7680 Datasheet HTML 6Page - EPCOS B7680 Datasheet HTML 7Page - EPCOS B7680 Datasheet HTML 8Page - EPCOS B7680 Datasheet HTML 9Page - EPCOS B7680 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
June 06, 2008
B7680
1732.5 / 2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for WCDMA Band 5-Passband, fCarrier ranges from
826.4 MHz (lowest Tx channel) to 846.6 MHz (highest Tx channel)). HRRC(f) is the transfer func-
tion of the root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the
following normalization:
Maximum ratings
Temperature range for specifi-
cation 1)
1) Defines the temperature range in which the specification values are warranted.
T
-20/+85
Operable temperature range2)
2) Defines the temperature range in which the SAW device keeps its typical characteristics, however the
specification values are not guaranteed.
T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
503)
3) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
PIN
source and load impedance 50
Ω
1710.0 ... 1755.0 MHz
elsewhere
29
10
dBm
dBm
continuous wave
T = 50˚C, 5.000 h
}
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com