Electronic Components Datasheet Search
  English  ▼

X  

STL100NHS3LL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL100NHS3LL
Description  N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NHS3LL Datasheet(HTML) 2 Page - STMicroelectronics

  STL100NHS3LL Datasheet HTML 1Page - STMicroelectronics STL100NHS3LL Datasheet HTML 2Page - STMicroelectronics STL100NHS3LL Datasheet HTML 3Page - STMicroelectronics STL100NHS3LL Datasheet HTML 4Page - STMicroelectronics STL100NHS3LL Datasheet HTML 5Page - STMicroelectronics STL100NHS3LL Datasheet HTML 6Page - STMicroelectronics STL100NHS3LL Datasheet HTML 7Page - STMicroelectronics STL100NHS3LL Datasheet HTML 8Page - STMicroelectronics STL100NHS3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical ratings
STL100NHS3LL
2/9
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate-source voltage
± 16
V
ID
(1)
1.
The value is rated accordingly to Rthj-pcb
Drain current (continuous) at TC = 25°C
22
A
ID
(1)
Drain current (continuous) at TC = 100°C
13.7
A
ID
(2)
2.
This value is according Rthj-c
Drain current (continuous) at TC = 25°C
100
A
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
88
A
PTOT
(1)
Total dissipation at TC = 25°C
80
W
PTOT
(2)
Total dissipation at TC = 25°C
4
W
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case (drain) Max
1.56
°C/W
Rthj-pcb (1)
1.
When mounted on FR-4 board of 1inch2, 2 oz. Cu., t<10sec
Thermal resistance junction-pcb Max
31.3
°C/W
Table 4.
Thermal resistance
Symbol
Parameter
Value
Unit
IAV
Avalanche current, not repetitive (pulse width limited by
Tjmax)
10
A
EAS
Single pulse avalanche energy (starting Tj = 25°C,
ID=IAV, VDD=24V)
1.8
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com