Electronic Components Datasheet Search
  English  ▼

X  

STL100NHS3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL100NHS3LL
Description  N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NHS3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STL100NHS3LL Datasheet HTML 1Page - STMicroelectronics STL100NHS3LL Datasheet HTML 2Page - STMicroelectronics STL100NHS3LL Datasheet HTML 3Page - STMicroelectronics STL100NHS3LL Datasheet HTML 4Page - STMicroelectronics STL100NHS3LL Datasheet HTML 5Page - STMicroelectronics STL100NHS3LL Datasheet HTML 6Page - STMicroelectronics STL100NHS3LL Datasheet HTML 7Page - STMicroelectronics STL100NHS3LL Datasheet HTML 8Page - STMicroelectronics STL100NHS3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STL100NHS3LL
Electrical characteristics
3/9
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1mA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 24V
500
µA
IGSS
Gate body leakage current
(VDS = 0)
VDS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 1mA
1
2.5
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 11A
VGS= 4.5V, ID= 11A
0.0032
0.004
0.0042
0.0057
Ω
Ω
VGS=10V, ID=11A@125°C
VGS=4.5V, ID=11A@125°C
0.005
0.006
Ω
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS=25V, f = 1MHz, VGS=0
4200
700
46.2
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15V, ID = 22A,
VGS = 4.5V
(see Figure 3)
27
8.5
7.2
35
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com