Electronic Components Datasheet Search
  English  ▼

X  

TDA2008V Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2008V
Description  12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2008V Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2008V Datasheet HTML 1Page - STMicroelectronics TDA2008V Datasheet HTML 2Page - STMicroelectronics TDA2008V Datasheet HTML 3Page - STMicroelectronics TDA2008V Datasheet HTML 4Page - STMicroelectronics TDA2008V Datasheet HTML 5Page - STMicroelectronics TDA2008V Datasheet HTML 6Page - STMicroelectronics TDA2008V Datasheet HTML 7Page - STMicroelectronics TDA2008V Datasheet HTML 8Page - STMicroelectronics TDA2008V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA2008
12W AUDIO AMPLIFIER (Vs = 22V, RL =4
Ω)
DESCRIPTION
The TDA2008 is a mololithic class B audio power
amplifier in Pentawatt® package designed for driv-
ing low impedence loads (down to 3.2
Ω). The divice
provides a high output current capability(up to 3A),
very low harmonic and crossover distortion.
In addition, the device offers the following features:
– very low number of external components;
– assembly ease, due to Pentawatt® power
package with no electrical insulations re-
quirements;
– space and cost saving;
– high reliability;
– flexibility in use;
– thermal protection.
March 1993
TYPICAL APPLICATION CIRCUIT
Pentawatt
ORDERING NUMBER : TDA 2008V
1/9


Similar Part No. - TDA2008V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002V FAIRCHILD-TDA2002V Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
More results

Similar Description - TDA2008V

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
STMicroelectronics
TDA2006 STMICROELECTRONICS-TDA2006 Datasheet
193Kb / 12P
12W AUDIO AMPLIFIER
May-1995
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Toshiba Semiconductor
TA7274P TOSHIBA-TA7274P Datasheet
624Kb / 9P
12W BTL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
NTE Electronics
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
logo
Lowpower Semiconductor ...
LPA2101 POWER-LPA2101 Datasheet
1Mb / 18P
Build in EQ Function 12W Class-D Audio Amplifier With AGC function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com