Electronic Components Datasheet Search
  English  ▼

X  

TDA2008V Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA2008V
Description  12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2008V Datasheet(HTML) 6 Page - STMicroelectronics

  TDA2008V Datasheet HTML 1Page - STMicroelectronics TDA2008V Datasheet HTML 2Page - STMicroelectronics TDA2008V Datasheet HTML 3Page - STMicroelectronics TDA2008V Datasheet HTML 4Page - STMicroelectronics TDA2008V Datasheet HTML 5Page - STMicroelectronics TDA2008V Datasheet HTML 6Page - STMicroelectronics TDA2008V Datasheet HTML 7Page - STMicroelectronics TDA2008V Datasheet HTML 8Page - STMicroelectronics TDA2008V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
Figure 10. Maximum al- lowable
power dissipation vs. ambient
temperature
Fi gur e 8 . Di stor ti on vs.
frequency
Figure 6. Output voltage vs.
supply voltage
Figure 7. Output power vs.
supply voltage
Figure 9. Supply voltage
rejection vs. frequency
Figure 5. Quiescent current
vs. supply voltage
TDA2008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com