Electronic Components Datasheet Search
  English  ▼

X  

TDA2008V Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2008V
Description  12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2008V Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2008V Datasheet HTML 1Page - STMicroelectronics TDA2008V Datasheet HTML 2Page - STMicroelectronics TDA2008V Datasheet HTML 3Page - STMicroelectronics TDA2008V Datasheet HTML 4Page - STMicroelectronics TDA2008V Datasheet HTML 5Page - STMicroelectronics TDA2008V Datasheet HTML 6Page - STMicroelectronics TDA2008V Datasheet HTML 7Page - STMicroelectronics TDA2008V Datasheet HTML 8Page - STMicroelectronics TDA2008V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
10
28
V
Vo
Quiescent output voltage
(pin 4)
10.5
V
Id
Quiescent drain current
(pin 5)
65
115
mA
Po
Output power
d = 10%
RL =8
Ω
8W
f = 1 KHz
RL =4
Ω
10
12
W
Vi(RMS)
Input saturation voltage
300
mV
Vi
Input sensitivity
f = 1 KHz
Po = 0.5W
Po =8W
Po = 0.5W
Po = 12W
RL =8
Ω
RL =8
Ω
RL =4
Ω
RL =4
Ω
20
80
14
70
mV
mV
mV
mV
B
Frequency response
(-3 dB)
Po =1W
RL =4
Ω
40 to 15,000
Hz
d
Distortion
f = 1 KHz
Po = 0.05 to 4W
Po = 0.05 to 6W
RL =8
Ω
RL =4
Ω
0.12
0.12
1
1
%
%
Ri
Input resistance (pin 1)
f = 1 KHz
70
150
K
Ω
Gv
Voltage gain (open loop)
f = 1 KHz
RL =8
Ω
80
dB
Gv
Voltage gain (closed loop)
39.5
40
40.5
dB
eN
Input noise voltage
BW = 22Hz to 22 KHz
15
µV
iN
Input noise current
60
200
pA
SVR
Supply voltage rejection
Vripple = 0.5
Rg = 10K
Ω
RL =4
Ω
f = 100 Hz
30
36
dB
ELECTRICAL CHARACTERISTICS ( Refer to the test circuit, Vs = 18V, Tamb =25
°C unless otherwise
specified)
Symbol
Parameter
Value
Unit
Rth-j-case
Thermal resistance junction-case
max
3
°C/W
THERMAL DATA
TDA2008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com