Electronic Components Datasheet Search
  English  ▼

X  

TDA2320A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2320A
Description  STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2320A Datasheet HTML 3Page - STMicroelectronics TDA2320A Datasheet HTML 4Page - STMicroelectronics TDA2320A Datasheet HTML 5Page - STMicroelectronics TDA2320A Datasheet HTML 6Page - STMicroelectronics TDA2320A Datasheet HTML 7Page - STMicroelectronics TDA2320A Datasheet HTML 8Page - STMicroelectronics TDA2320A Datasheet HTML 9Page - STMicroelectronics TDA2320A Datasheet HTML 10Page - STMicroelectronics TDA2320A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1/2
TDA2320A
22
µF
R5
18k
Ω
R1
100k
Ω
4.7
µF
R7
820
Ω
100pF
R10
22k
Ω
10
µF
R6
18k
Ω
15nF
1
µF
7
8
5
6
4
R2
120k
Ω
0.1
µF
C13
C3
C5
IN (L)
+15V
OUT (L)
C14
R13
1k
Ω
3.3nF
C9
R9
220k
Ω
C10
C7
1/2
TDA2320A
22
µF
R3
100k
Ω
4.7
µF
R8
820
Ω
100pF
R12
22k
Ω
10
µF
15nF
1
µF
1
3
2
R4
120k
Ω
C4
C6
IN (R)
OUT (R)
C15
R14
1k
Ω
3.3nF
C11
R11
220k
Ω
C12
C8
C1
C2
APPLICATION INFORMATION
Figure 12 : Stereo RIAA Preamplifier
Figure 13 : P.C. Board and Components layout of the Circuit of figure 12
TDA2320A
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com