Electronic Components Datasheet Search
  English  ▼

X  

TDA2320A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2320A
Description  STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2320A Datasheet HTML 1Page - STMicroelectronics TDA2320A Datasheet HTML 2Page - STMicroelectronics TDA2320A Datasheet HTML 3Page - STMicroelectronics TDA2320A Datasheet HTML 4Page - STMicroelectronics TDA2320A Datasheet HTML 5Page - STMicroelectronics TDA2320A Datasheet HTML 6Page - STMicroelectronics TDA2320A Datasheet HTML 7Page - STMicroelectronics TDA2320A Datasheet HTML 8Page - STMicroelectronics TDA2320A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
VCC = 15V, Tamb =25
oC (unless otherwise specified) (refer to the test circuits)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage (*)
3
36
V
ICC
Supply Current (*)
0.8
2
mA
Iib
Input Bias Current
150
500
nA
Vio
Input Offset Voltage
Rs
≤ 10kΩ
15
mV
Iio
Input Offset Current
10
50
nA
Avd
Open Loop Voltage Gain
VCC = 15V
f = 333Hz
f = 1kHz
f = 10kHz
VCC = 4.5V
f = 1kHz
80
70
50
70
dB
VOPP
Output Voltage Swing (f = 1kHz, RL = 600
Ω) (*)
VCC = 15V
VCC = 4.5V
13
2.5
V
GBP
Gain-bandwidth Product
f = 20kHz
1.5
2.5
MHz
FBP
Power Bandwidth (*)
Vo =5VPP, THD = 1%
40
70
kHz
SR
Slew Rate (*)
1
1.6
V/
µs
THD
Distortion (Vo = 2V, AV = 20dB) (*)
f = 1kHz
f = 10kHz
0.03
0.08
%
en
Equivalent Input Noise Voltage (**)
Curve A
Rs =50
Ω
Rs = 600
Ω
Rs =5k
Ω
B = 22Hz to 22kHz
Rs =50
Ω
Rs = 600
Ω
Rs =5k
Ω
f = 1kHz
Rs = 600
Ω
1
1.1
1.5
1.3
1.5
2
9
1.4
µV
nV
√
Hz
VO1/V02
Channel Separation (**)
f = 1kHz
100
dB
SVR
Supply Voltage Rejection Ratio(**)
f = 100Hz
80
dB
(*) Test circuit of figure 1
(**) Test circuit of figure 2
TDA2320A
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com