Electronic Components Datasheet Search
  English  ▼

X  

TDA2320A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2320A
Description  STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2320A Datasheet HTML 4Page - STMicroelectronics TDA2320A Datasheet HTML 5Page - STMicroelectronics TDA2320A Datasheet HTML 6Page - STMicroelectronics TDA2320A Datasheet HTML 7Page - STMicroelectronics TDA2320A Datasheet HTML 8Page - STMicroelectronics TDA2320A Datasheet HTML 9Page - STMicroelectronics TDA2320A Datasheet HTML 10Page - STMicroelectronics TDA2320A Datasheet HTML 11Page - STMicroelectronics TDA2320A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
R1
C1
-
R2
C2
C
R
R3
C3
-
R4
C4
1st order
2nd order
3rd order
i
i
1/2
TDA2320A
3
2
1
1/2
TDA2320A
5
6
7
Figure 21 : Fifth Order 3.4kHz Low-pass Butterworth Filter
C1
= 1.354 .
1
R
.
1
2
Π fc =
6.33nF
C1
= 0.421 .
1
R
.
1
2
Π fc =
1.97nF
C2
= 1.753 .
1
R
.
1
2
Π fc =
8.20nF
C3
= 0.309 .
1
R
.
1
2
Π fc =
1.45nF
C4
= 3.325 .
1
R
.
1
2
Π fc =
15.14nF
The attenuation of the filter is 30dB at 6.8kHz and
better than 60dB at 15kHz.
For fc = 3.4kHz and Ri = R1 = R2 = R3 = R4 = 10k
Ω, we obtain :
-
10k
Ω
3.54nF
10k
Ω
60nF
-
10k
Ω
16.3nF
10k
Ω
220nF
-
10k
Ω
86.1nF
10k
Ω
161nF
-
0.47
µF
56k
Ω
2
3
1
1/2
TDA
2320A
6
5
7
1/2
TDA
2320A
2
3
1
1/2
TDA
2320A
6
5
7
1/2
TDA
2320A
Figure 22 : Sixth-pole 355Hz Low-pass Filter (Chebychev type)
This is a 6-pole Chebychev type with
±0.25dB ripple
in the passband.A decoupling stage is used to avoid
the influence of the input impedance of the filter’s
characteristics.
The attenuation is about 55dB at 710Hz and
reaches 80dB at 1065Hz. The in band attenuation
is limited in practice to the
±0.25dB ripple and does
not exceed 1/2dB at 0.9fc.
TDA2320A
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com