Electronic Components Datasheet Search
  English  ▼

X  

TDA7311 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7311
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7311 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7311 Datasheet HTML 3Page - STMicroelectronics TDA7311 Datasheet HTML 4Page - STMicroelectronics TDA7311 Datasheet HTML 5Page - STMicroelectronics TDA7311 Datasheet HTML 6Page - STMicroelectronics TDA7311 Datasheet HTML 7Page - STMicroelectronics TDA7311 Datasheet HTML 8Page - STMicroelectronics TDA7311 Datasheet HTML 9Page - STMicroelectronics TDA7311 Datasheet HTML 10Page - STMicroelectronics TDA7311 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SECOND BYTE
VOLUME ATTENUATION
MSB
LSB
1
X
B2
B1
B0
A2
A1
A0
Volume 1.25dB Steps
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-1.25
-2.5
-3.75
-5.00
-6.25
-7.50
-8.75
1
X
B2
B1
B0
Volume 10dB Steps
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-10
-20
-30
-40
-50
-60
-70
SOFTWARE SPECIFICATION
Data Bytes
FIRST BYTE
MSB
LSB
Function
0
0
0
0
X
X
X
X
VOL ATTENUATION
0
1
0
0
X
X
X
X
VOL GAIN
0
0
1
0
X
X
X
X
BASS
0
1
1
0
X
X
X
X
TREBLE
0
0
0
1
X
X
X
X
ATT RF (speaker)
0
1
0
1
X
X
X
X
ATT RR (speaker)
0
0
1
1
X
X
X
X
ATT LF (speaker)
0
1
1
1
0
X
X
X
ATT LR (speaker)
0
1
1
1
1
X
X
X
AUDIO SWITCH
STATUS AFTER POWER-ON RESET
Volume
–78.75dB
Speaker
Mute
Audio Switch
Mute
Bass
–20dB
Treble
–14dB
TDA7311
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com