Electronic Components Datasheet Search
  English  ▼

X  

TDA7311 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7311
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7311 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7311 Datasheet HTML 1Page - STMicroelectronics TDA7311 Datasheet HTML 2Page - STMicroelectronics TDA7311 Datasheet HTML 3Page - STMicroelectronics TDA7311 Datasheet HTML 4Page - STMicroelectronics TDA7311 Datasheet HTML 5Page - STMicroelectronics TDA7311 Datasheet HTML 6Page - STMicroelectronics TDA7311 Datasheet HTML 7Page - STMicroelectronics TDA7311 Datasheet HTML 8Page - STMicroelectronics TDA7311 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AUDIO OUTPUTS
Output Voltage
d = 0.3%
2.3
2.8
Vrms
Output Load Resistance
2
K
Ω
Output Load Capacitance
10
nF
Output resistance
25
75
Ω
DC Voltage Level
4.6
5.0
5.4
V
GENERAL
eNO
Output Noise
BW = 20-20KHz, flat
output muted
all gains = 0dB Single Ended
all gains = 0dB Diff. Inputs
4
5
10
15
30
µV
µV
µV
S/N
Signal to Noise Ratio
all gains = 0dB; VO = 1Vrms
Single Ended
Differential Inputs
106
100
dB
dB
d
Distortion
VIN = 1Vrms
0.01
%
Sc
Channel Separation left/right
70
95
dB
Total Tracking error
AV = 0 to -20dB
AV = -20 to -60 dB
AV = 0dB to 11.25dB
0
0
0
1
2
1
dB
dB
dB
Output Attenuation
Mute Condition (3)
80
90
dB
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
Notes:
(1) Bass and Treble response see attached diagram (fig.17). The center frequency and quality of the resonance behaviour can be choosen by
the external circuitry. A standard first order bass response can be realized by a standard feedback network
(2) The selected input is grounded thru the 2.2
µF capacitor.
(3) Condition obtained programming: mute on speaker attenuators (1X111111) followed by selection of SECMUTE (1XXXX111).
TDA7311
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com