Electronic Components Datasheet Search
  English  ▼

X  

TDA7311 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7311
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7311 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7311 Datasheet HTML 3Page - STMicroelectronics TDA7311 Datasheet HTML 4Page - STMicroelectronics TDA7311 Datasheet HTML 5Page - STMicroelectronics TDA7311 Datasheet HTML 6Page - STMicroelectronics TDA7311 Datasheet HTML 7Page - STMicroelectronics TDA7311 Datasheet HTML 8Page - STMicroelectronics TDA7311 Datasheet HTML 9Page - STMicroelectronics TDA7311 Datasheet HTML 10Page - STMicroelectronics TDA7311 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SOFTWARE SPECIFICATION (continued)
TREBLE
MSB
LSB
2dB STEPS
1
XXX
0
1
1
1
14
1
XXX
0
1
1
0
12
1
XXX
0
1
0
1
10
1
XXX
0
1
0
0
8
1
XXX
0
0
1
1
6
1
XXX
0
0
1
0
4
1
XXX
0
0
0
1
2
1
XXX
0
0
0
0
0
1
XXX
1
0
0
0
-0
1
XXX
1
0
0
1
-2
1
XXX
1
0
1
0
-4
1
XXX
1
0
1
1
-6
1
XXX
1
1
0
0
-8
1
XXX
1
1
0
1
-10
1
XXX
1
1
1
0
-12
1
XXX
1
1
1
1
-14
BASS
MSB
LSB
2dB STEPS
1
X
X
1
111
1
-20
1
X
X
1
100
1
-18
1
X
X
1
100
0
-16
1
X
X
1
011
1
-14
1
X
X
1
011
0
-12
1
X
X
1
010
1
-10
1
X
X
1
010
0
-8
1
X
X
1
001
1
-6
1
X
X
1
001
0
-4
1
X
X
1
000
1
-2
1
X
X
1
000
0
0
1
X
X
0
000
0
0
1
X
X
0
000
1
2
1
X
X
0
001
0
4
1
X
X
0
001
1
6
1
X
X
0
010
0
8
1
X
X
0
010
1
10
1
X
X
0
011
0
12
1
X
X
0
011
1
14
1
X
X
0
100
0
16
1
X
X
0
100
1
18
1
X
X
0
111
1
20
TDA7311
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com