Electronic Components Datasheet Search
  English  ▼

X  

TDA7421 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 4Page - STMicroelectronics TDA7421 Datasheet HTML 5Page - STMicroelectronics TDA7421 Datasheet HTML 6Page - STMicroelectronics TDA7421 Datasheet HTML 7Page - STMicroelectronics TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics TDA7421 Datasheet HTML 10Page - STMicroelectronics TDA7421 Datasheet HTML 11Page - STMicroelectronics TDA7421 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ELECTRICAL CHARACTERISTICS (continued)
FM Audio Amplifier
Ref: FM Test circuit, measure:
- Input at VFMLIMIN, = 95dBu, fIN = 10.7MHz
- audio output at VAUDIO, BPF 20Hz to 20KHz
- muting voltage at VMUTE, DRIVE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VMUTE
Mute Voltage
VMUTE,DRIVE for which
∆VAF = -
29dB, FMHIGH set to 0, AUM2-0
set to 111
2V
VPLAY
Play Voltage
VMUTE,DRIVE for which
∆VAF = -
1dB, FMHIGH set to 0, AUM2-0
set to 111
0.3
V
GAMP,PLAY
Audio Amplifier Gain in Play
Conditions
VMUTE,DRIVE < VPLAY
9dB
GAMP,MUTEMAX Audio Amplifier Highest Gain in
Mute Condition
VMUTE,DRIVE > VMUTE, FMHIGH
set to 1, AUM2-0 set to 001
6.5
dB
GAMP,MUTEMIN
Audio Amplifier Lowest Gain in
Mute Condition
VMUTE,DRIVE > VMUTE, FMHIGH
set to 0, AUM2-0 set to 111
-21
dB
VAF
AF Output Level
fDEV = 75KHz, FMOD = 1KHz,
VMUTE,DRIVE < VMUTE
350
(1)
400
450
(1)
mVRMS
THD
AFTotal Harmonic distortion
fDEV = 75KHz, FMOD = 1KHz,
VMUTE,DRIVE < VMUTE
0.5
%
S+N/N
AF Signal to Noise Ratio
fDEV = 75KHz, FMOD = 1KHz,
VMUTE,DRIVE < VMUTE
68
(1)
75
%
AMR
Amplitude Modulation Rejection
AM modulation deph 30%, fMOD =
1KHz, with respect to FM
modulated signal with fDEV =
40KHz, VMUTE,DRIVE < VMUTE
60
(1)
67
dB
AUDIOcurr
Audio Out Current Capability
5
mA
MUTE Rout
Mute Drive Output Resistance
1
K
Ω
NOTE1: Refer to Global application circuit; input at first Ceramic Filter in, FBH3-0 set to 0001, FBL3-0 set to 0001
FM QUALITY DETECTORS
Field Strength Detector
Ref: FM Test Circuit, measure:
- Input at VFMLIMIN, fIN = 10.7MHz, CW
- output at VMUTE,DRIVE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FSDMIN
Field Strenght Detector Minimum
Threshold
VFMLIMIN level at which
VMUTE,DRIVE = VMUTE, FSM3-0 set
to 0000
40
dBu
FSDMAX
Field Strenght Detector Maximum
VFMLIMIN level at which
VMUTE,DRIVE = VMUTE, FSM3-0 set
to 1111
60
dBu
TDA7421
8/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com