Electronic Components Datasheet Search
  English  ▼

X  

TDA7421 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 2Page - STMicroelectronics TDA7421 Datasheet HTML 3Page - STMicroelectronics TDA7421 Datasheet HTML 4Page - STMicroelectronics TDA7421 Datasheet HTML 5Page - STMicroelectronics TDA7421 Datasheet HTML 6Page - STMicroelectronics TDA7421 Datasheet HTML 7Page - STMicroelectronics TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics TDA7421 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Uni
S+N/N
Signal to Noise Ratio
68
dB
THD
Total Harmonic Distortion
deviation = 40KHz
0.3
%
VO AF
Audio Output Level
350
400
450
mVRMS
US
Usable Sensitivity
antenna level at which
S+N/N=30dB
4dBu
AGCrange
Range AGC FM
65
dB
ELECTRICAL CHARACTERISTICS (continued)
FM Section Global Performances
Refer to Evaluation Circuit and enclosed curves (S+N/N, THD)
- RF Input: fc = 98.1MHz, 75KHz dev., 1KHz mod.,60dBu
- Audio Output: BPF 20Hz - 20KHz
FM AGC
Ref: FM Test Circuit, measure input at VFMRFAGCIN, and VFMIFAGCIN, output at VFMAGCOUT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VRFAGCSTART
Open Loop Rf Agc Starting Point
fRFAGCIN = 98.1MHz Value of
VFMRFAGCIN, at which
VFMAGCOUT = 4V
74
80
86
dBu
RINRFAGC
Input Resistance
20
K
VIFAGCSTART
Open Loop If Agc Starting Point
fIFAGCIN = 10.7MHz Value of
VFMIFAGCIN, at which
VFMAGCOUT = 4V
FAGC2-0 set to 111
71
77
83
dBu
RINIFAGC
Input Resistance
20
K
ROUTFMAGC
Output Resistance
10
K
FM Mixer
Ref: FM Test Circuit, measure input at VMIXFMIN, output at VMIXOUT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ZIN,MIX
Single-ended input impedance
(pin 3, pin4)
f = 100MHz
12
GMIX
Conversion Gain
fIN = 98.1MHz
21.8
dB
IP3MIX
3rd order intermodulation
distortion intercept point
fd = 98.1MHz; fu1 = 98.2MHz;
fu2 = 98.3MHz;
104
dBu
CP1MIX
1dB compression point
fIN = 98.1MHz
90
dBu
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Uni
ANTADJ
MAX OFF
Maximum FM Antenna Filter
Adjustment Voltage Offset
VPLLOUT = 2.5V, ANA3-0 set to
1111
21
25
27
%
ANTADJ
STEP OFF
FM Antenna Filter Adjustment
Voltage Offset Step
VPLLOUT = 2.5V, ANA3-0 set to
1001
2.8
3.6
4.4
%
RFADJ
MAX OFF
Maximum FM RF Filter
Adjustment Voltage Offset
VPLLOUT = 2.5V, RFA3-0 set to
1111
21
25
27
%
RFADJ
STEP OFF
FM RF Filter Adjustment Voltage
Offset Step
VPLLOUT = 2.5V, RFA3-0 set to
1001
2.8
3.6
4.4
%
FM Front-end Electrical Adjustments
Ref: FM Test Circuit measure VANTADJ and VRFADJ referred to VPLLOUT
TDA7421
6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com