Electronic Components Datasheet Search
  English  ▼

X  

TDA7421 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 6Page - STMicroelectronics TDA7421 Datasheet HTML 7Page - STMicroelectronics TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics TDA7421 Datasheet HTML 10Page - STMicroelectronics TDA7421 Datasheet HTML 11Page - STMicroelectronics TDA7421 Datasheet HTML 12Page - STMicroelectronics TDA7421 Datasheet HTML 13Page - STMicroelectronics TDA7421 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Adjacent Channel Station Detector
Ref: FM Test Circuit, measure:
- Input at VFMLIMIN: desired 10.7MHz, 95dBu CW; undesired 10.8MHz CW
- output at VFMSD
- FMRECSEEK set to 1
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ACSDMAX
Adjacent Channel Detector
Maximum Sensitivity Threshold
amplitude of undesired signal at
which VFMSD = 2.5V, HDM4-0 set
to 11111
92.5
dBu
ACDMIN
Adjacent Channel Detector
Minimum Sensitivity Threshold
amplitude of undesired signal at
which VFMSD = 2.5V, HDM4-0 set
to 00000
94.9
dBu
AM Section Global Performances
Refer to Evaluation Circuit and enclosed curves (S+N/N, THD)
- RF Input: fc = 1MHz, f mod = 1KHz, m = 0.3;
- Audio Output: BPF 20Hz - 20KHz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN MIN
Maximum Sensitivity
VINRF = 74dBu;
∆VAF = - 20dB
20
dBu
VIN US
Usable Sensitivity
S+N/N = 20dB
31
dBu
∆Vis
AGC Range
VINRF = 74dBu;
∆VAF = -10dB
50
dB
S+N/N
Signal to Noise Ratio
VINRF = 74dBu
46.0
53.0
dB
αIMAG
Image Rejection
f1 = 1.9MHz
f2 = 22.4MHz
dB
αTw
Tweet
VINRF = 74dBu; f1 = 900KHz;
f2 = 1350KHz
1.2
dB
THD
Total Harmonic Distortion
VINRF = 74dBu; m = 0.3
0.45
1.0
%
VINRF = 74dBu; m = 0.8
1.73
%
VINRF = 120dBu; m = 0.3
0.33
%
VAF
Audio Output Level
VINRF = 74dBu
137
167
197
mVRMS
VAMST
AM IF2 Output level
VINRF = 74dBu
106
dBu
AM Mixer 1
Ref: AM Test Circuit, measure input at VMIX2AMIN, output at VMIXOUT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RINMIX1
Input Resistance
1.2
K
GMIX1
Conversion Gain
fIN = 1MHz
7.5
8.5
9.5
dB
IP3MIX1
3rd Order Intermodulation
Distortion Intercept Point
fd = 1MHz; fu1 = 1.1MHz;
fu2 = 1.2MHz;
115
dBu
CP1MIX1
1dB Compression Point
fIN = 1MHz
98.7
dBu
TDA7421
10/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com