| Electronic Components Datasheet Search |
|
TLV1544CPWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV1544CPWR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 41 page ![]() TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DSP interface The TLV1544/1548 can also interface with a DSP, from the TMS320 family for example, through a serial port. The analog-to-digital converter (ADC) serves as a slave device where the DSP supplies FS and the serial I/O CLK. Transmit and receive operations are concurrent. The falling edge of FS must occur no later than seven I/O CLK periods after the falling edge of CS. DSP I/O cycles differ from microprocessor I/O cycles in the following ways: D When interfaced with a DSP, the output data MSB is available afterFS↓. The remaining output datachanges on the rising edge of I/O CLK. The input data is sampled on the first four falling edges of I/O CLK after FS ↓ and when INV CLK is high, or the first four rising edges of I/O CLK after FS ↓ and when INV CLK is low. This operation is inverted when interfaced with a microprocessor. D A new DSP I/O cycle is started on the rising edge of I/O CLK after the rising edge of FS. The internal state machine is reset on each falling edge of I/O CLK when FS is high. This operation is opposite when interfaced with a microprocessor. D The TLV1544/1548 supports a 16-clock cycle when interfaced with a DSP. The output data is padded with six trailing zeros when it is operated in DSP mode. Table 2. TLV1544/TLV1548 Serial Interface Modes I/O INTERFACE MODE I/O MICROPROCESSOR ACTION DSP ACTION CS ↓ Initializes counter Samples state of FS CS ↑ Resets state machine and disable I/O Disables I/O FS Connects to VCC Connects to DSP FSX output Initializes the state machine at each CLK ↓ after FS↑ Starts a new cycle at each CLK ↑ following the initialization (initializes the counter) I/O CLK Starts sampling of the analog input started at fourth I/O CLK ↑ Conversion started at tenth I/O CLK ↑ Starts sampling of the analog input at fourth I/O CLK ↓ Starts sampling of the analog input at tenth I/O CLK ↓ DATA IN Samples input data on I/O CLK ↑ (INV CLK high) Samples input data on I/O CLK ↓ (INV CLK low) Samples input data at I/O CLK ↓ (INV CLK high) Samples input data at I/O CLK ↑ (INV CLK low) DATA OUT Makes MSB available on CS ↓ Changes remaining data on I/O CLK ↓ Makes MSB available FS ↓ Changes remaining data at each following I/O CLK ↑ after FS ↓ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |