Electronic Components Datasheet Search
  English  ▼

X  

TLV1544CPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544CPWR
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV1544CPWR Datasheet HTML 11Page - Texas Instruments TLV1544CPWR Datasheet HTML 12Page - Texas Instruments TLV1544CPWR Datasheet HTML 13Page - Texas Instruments TLV1544CPWR Datasheet HTML 14Page - Texas Instruments TLV1544CPWR Datasheet HTML 15Page - Texas Instruments TLV1544CPWR Datasheet HTML 16Page - Texas Instruments TLV1544CPWR Datasheet HTML 17Page - Texas Instruments TLV1544CPWR Datasheet HTML 18Page - Texas Instruments TLV1544CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 2.7 V to 5.5 V, I/O CLK frequency = 2.2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
VCC = 5.5 V,
IOH = –0.2 mA
2.4
V
VOH
High-level output voltage
VCC = 2.7 V,
IOH = –20 µA
VCC–0.1
V
VOL
Low level output voltage
VCC = 5.5 V,
IOL = 0.8 mA
0.4
V
VOL
Low-level output voltage
VCC = 2.7 V,
IOL = 20 µA
0.1
V
IOZ
High impedance output current
VO = VCC,
CS = VCC
1
2.5
µA
IOZ
High-impedance output current
VO = 0,
CS = VCC
–1
– 2.5
µA
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0
– 0.005
2.5
µA
I
Operating supply current
Conversion speed = fast,
For all digital inputs,
0
≤ VI ≤ 0.3 V or
VI ≥ VCC – 0.3 V
VCC = 3.3 V to 5.5 V
0.6
1.5
mA
ICC
Operating supply current
Conversion speed = slow,
For all digital inputs,
VCC = 3.3 V to 5.5 V
0.4
1
mA
g,
0
≤ VI ≤ 0.3 V or
VI ≥ VCC – 0.3 V
VCC = 2.7 V to 3.3 V
0.35
0.75
ICC(ES)
Extended sampling mode
VCC = 3.3 V to 5.5 V
1.5
mA
ICC(ES)
g
operating current
VCC = 2.7 V to 3.3 V
1
mA
ICC(ST)
Sustaining supply current
Conversion speed = slow,
For all digital inputs,
0
≤ VI ≤ 0.3 V or
VI ≥ VCC – 0.3 V
VCC = 2.7 V to 3.3 V
0.3
mA
ICC(PD) Power-down supply current
For all digital inputs,
0
≤ VI ≤ 0.3 V or VI ≥ VCC – 0.3 V
1
25
µA
Ilk
Selected channel leakage current
Selected channel at VCC, unselected channel at 0 V
1
µA
Ilkg
Selected channel leakage current
Selected channel at 0 V, unselected channel at VCC
–1
µA
Maximum static analog
reference current into REF+
Vref + = VCC = 5.5 V,
Vref – = GND
1
µA
Ci ‡
Input capacitance, analog inputs
20
55
pF
Ci ‡
Input capacitance, control inputs
20
15
pF
Zi ‡
Input multiplexer on resistance
VCC = 4.5 V
1
k
Ω
Zi ‡
Input multiplexer on resistance
VCC = 2.7 V
5
k
Ω
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com