Electronic Components Datasheet Search
  English  ▼

X  

TLV1544CPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544CPWR
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544CPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV1544CPWR Datasheet HTML 14Page - Texas Instruments TLV1544CPWR Datasheet HTML 15Page - Texas Instruments TLV1544CPWR Datasheet HTML 16Page - Texas Instruments TLV1544CPWR Datasheet HTML 17Page - Texas Instruments TLV1544CPWR Datasheet HTML 18Page - Texas Instruments TLV1544CPWR Datasheet HTML 19Page - Texas Instruments TLV1544CPWR Datasheet HTML 20Page - Texas Instruments TLV1544CPWR Datasheet HTML 21Page - Texas Instruments TLV1544CPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CS
DATA
OUT
90%
10%
90%
10%
tPZH, tPZL
tPHZ, tPLZ
10%
90%
Figure 8. DATA OUT to Hi-Z Voltage Waveforms
VIH
VIL
VOH
VOL
DATA IN
th(A)
10%
90%
I/O CLK
Address
Valid
tsu(A)
10%
Figure 9. DATA IN Setup Voltage Waveforms
tt (DATA IN)
tt (DATA IN)
tt(I/O)
10%
10%
10%
90%
VIH
VIL
VIH
VIL
Last
Clock
CS
10%
90%
10%
tsu(CS)
10%
I/O CLK
th(CS)
td(I/O-CS)
First
Clock
90%
tt(CS)
tt(CS)
10%
VIH
VIL
VIL
Figure 10. CS and I/O CLK Voltage Waveforms
10%
90%
10%
90%
90%
10%
I/O CLK
DATA OUT
tt(I/O)
10%
90%
tr(bus), tf(bus)
td(I/O-DATA)
tv
tt(I/O)
10%
I/O Clock Period
VIH
VIL
VOH
VOL
VALID
Figure 11. DATA OUT and I/O CLK Voltage Waveforms
CS
td(ES–FS
FS
Figure 12. CS Low to FS Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com