Electronic Components Datasheet Search
  English  ▼

X  

M51996AP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M51996AP
Description  Switching Regulator Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51996AP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M51996AP Datasheet HTML 16Page - Renesas Technology Corp M51996AP Datasheet HTML 17Page - Renesas Technology Corp M51996AP Datasheet HTML 18Page - Renesas Technology Corp M51996AP Datasheet HTML 19Page - Renesas Technology Corp M51996AP Datasheet HTML 20Page - Renesas Technology Corp M51996AP Datasheet HTML 21Page - Renesas Technology Corp M51996AP Datasheet HTML 22Page - Renesas Technology Corp M51996AP Datasheet HTML 23Page - Renesas Technology Corp M51996AP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
M51996AP/AFP
REJ03D0836-0201 Rev.2.01 Nov 14, 2007
Page 20 of 35
OVP Circuit (Over Voltage Protection Circuit) Section
OVP circuit is basically positive feedback circuit constructed by Q2, Q3 as shown in figure 13.
Q2, Q3 turn on and the circuit operation of IC stops, when the input signal is applied to OVP terminal. (threshold
voltage
≈ 750 mV)
The current value of I2 is about 150
µA when the OVP does not operates but it decreases to about 2 µA when OVP
operates.
It is necessary to input the sufficient larger current (800
µA to 8 mA) than I2 for triggering the OVP operation.
The reason to decrease I2 is that it is necessary that ICC at the OVP rest supply voltage is small.
It is necessary that OVP state holds by circuit current from R1 in the application example, so this IC has the
characteristic of small ICC at the OVP reset supply voltage (≈ stand-by current + 20 µA)
On the other hand, the circuit current is large in the higher supply voltage, so the supply voltage of this IC doesn’t
become so high by the voltage drop across R1.
This characteristic is shown in figure 14.
The OVP terminal input current in the voltage lower than the OVP threshold voltage is based on I2 and the input current
in the voltage higher than the OVP threshold voltage is the sum of the current flowing to the base of Q3 and the current
flowing from the collector of Q2 to the base.
For holding in the latch state, it is necessary that the OVP terminal voltage is kept in the voltage higher than VBE of Q3.
So if the capacitor is connected between the OVP terminal and GND, even though Q2 turns on in a moment by the
surge voltage, etc, this latch action does not hold if the OVP terminal voltage does not become higher than VBE of Q3
by charging this capacitor.
For resetting OVP state, it is necessary to make the OVP terminal voltage lower than the OVP L threshold voltage or
make VCC lower than the OVP reset supply voltage.
As the OVP reset voltage is settled on the rather high voltage of 9.0 V, SMPS can be reset in rather short time from the
switch-off of the AC power source if the smoothing capacitor is not so large value.
VCC
OVP
GND
8 k
12 k
Q1
Q2
2.5 k
400
I2
7.8 V
100
µA
I1
Q3
Note: I1 = 0 when OVP operates
Figure 13 Detail Diagram of OVP Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com