Electronic Components Datasheet Search
  English  ▼

X  

M51996AP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M51996AP
Description  Switching Regulator Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51996AP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M51996AP Datasheet HTML 24Page - Renesas Technology Corp M51996AP Datasheet HTML 25Page - Renesas Technology Corp M51996AP Datasheet HTML 26Page - Renesas Technology Corp M51996AP Datasheet HTML 27Page - Renesas Technology Corp M51996AP Datasheet HTML 28Page - Renesas Technology Corp M51996AP Datasheet HTML 29Page - Renesas Technology Corp M51996AP Datasheet HTML 30Page - Renesas Technology Corp M51996AP Datasheet HTML 31Page - Renesas Technology Corp M51996AP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
M51996AP/AFP
REJ03D0836-0201 Rev.2.01 Nov 14, 2007
Page 28 of 35
Output Current
Figure 25 Over Current Limiting Curve on Feed Forward System
If the curve becomes vertical because of an excess current, the output voltage is lowered and no feedback current
flows from feedback photo-coupler; the PWM comparator operates to enlarge the duty sufficiently, but the
signal from the CLM
+ section operates to make the pulse width narrower.
Under the condition in which I2 in figure 24 does not become 0, the output voltage is proportional to the product
of the input voltage VIN (primary side voltage of the main transformer) and on duty. If the bias winding is
positive, VCC is approximately proportional to VIN. The existence of feed back current of the photo-coupler is
known by measuring the F/B terminal voltage which becomes less than 2VBE in the internal circuit of REG
terminal and F/B terminal if the output current flows from the F/B terminal.
REG
F/B
M51996A
500
6 S
3 k
1 S
Figure 26 Relationship Between REG Terminal and F/B Terminal
Figure 27 shows an application example.
Q1 is turned on when normal output voltage is controlled at a certain value. The SOFT terminal is clamped to a
high-level voltage. If the output voltage decreases and the curve starts to drop, no feed back current flows, Q1 is
turned off and the SOFT terminal responds to the smoothed output voltage.
It is recommended to use an R1 and R2 of 10 k
Ω to 30 kΩ. An R3 of 20 to 100 kΩ and C of 1000 pF to 8200 pF
should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com