Electronic Components Datasheet Search
  English  ▼

X  

M51996AP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M51996AP
Description  Switching Regulator Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51996AP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M51996AP Datasheet HTML 28Page - Renesas Technology Corp M51996AP Datasheet HTML 29Page - Renesas Technology Corp M51996AP Datasheet HTML 30Page - Renesas Technology Corp M51996AP Datasheet HTML 31Page - Renesas Technology Corp M51996AP Datasheet HTML 32Page - Renesas Technology Corp M51996AP Datasheet HTML 33Page - Renesas Technology Corp M51996AP Datasheet HTML 34Page - Renesas Technology Corp M51996AP Datasheet HTML 35Page - Renesas Technology Corp M51996AP Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
M51996AP/AFP
REJ03D0836-0201 Rev.2.01 Nov 14, 2007
Page 32 of 35
As the gate drive current may reach up to several tenths milliamperes at 500 kHz operation, depending on the size of
MOS FET, the power dissipation caused by the gate current can not be neglected.
In this case, following action will be considered to avoid heat up of type M51996A.
(1) To attach the heat sink to type M51996A
(2) To use the printed circuit board with the good thermal conductivity
(3) To use the buffer circuit shown next section
3. Output buffer circuit
It is recommended to use the output buffer circuit as shown in figure 34, when type M51996A drives the large
capacitive load or bipolar transistor.
VOUT
M51996A
Figure 34 Output Buffer Circuit Diagram
DET Circuit
Figure 35 shows how to use the DET circuit for the voltage detector and error amplifier.
For the phase shift compensation, it is recommended to connected the CR network between DET terminal and F/B
terminal.
C4
C2
R3
C1
C
F/B
DET
R1
Detecting
voltage
B
A
R2
M51996A
Figure 35 How to Use The DET Circuit for The Voltage Detector
Figure 36 shows the gain-frequency characteristics between point B and point C shown in figure 35.
Log
ω
ω
1
ω
2
G1
GAVDET
(DC voltage gain)
Figure 36 Gain-frequency Characteristics Between Point B and C Shown in Figure 35
The G1,
ω1 and ω2 are given by following equations;
G1 =
……………………… (10)
R3
R1 / R2
1
C2
• R3
ω1 =
………………………… (11)
C1 + C2
C1
• C2 • R3
ω2 =
………………… (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com