Electronic Components Datasheet Search
  English  ▼

X  

TDA9106A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA9106A Datasheet HTML 3Page - STMicroelectronics TDA9106A Datasheet HTML 4Page - STMicroelectronics TDA9106A Datasheet HTML 5Page - STMicroelectronics TDA9106A Datasheet HTML 6Page - STMicroelectronics TDA9106A Datasheet HTML 7Page - STMicroelectronics TDA9106A Datasheet HTML 8Page - STMicroelectronics TDA9106A Datasheet HTML 9Page - STMicroelectronics TDA9106A Datasheet HTML 10Page - STMicroelectronics TDA9106A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
HORIZONTAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb =25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
1st PLL SECTION
HpolT
Polarity Integration Delay
0.75
ms
VVCO
VCO Control Voltage (Pin12)
VREF-H =8V
f0
fH(Max.)
VREF-H /6
6.2
V
V
Vcog
VCO Gain (Pin 12)
R0 = 6.49k
Ω,C0 = 820pF,
dF/dV = 1/11R0C0
17
kHz/V
Hph
Horizontal Phase Adjustment
% of Horizontal Period
±10
%
Hphmin
Hphtyp
Hphmax
Horizontal Phase Decoupling Output
Minimum Value
Typical Value
Maximum Value
Sub-Address 01, Pin 14
Byte x1111111
Byte x1000000
Byte x0000000
2.8
3.4
4.0
V
V
V
f0
Free Running Frequency
R0 = 6.49k
Ω,C0 = 820pF,
f0 = 0.97/8R0C0
22.3
kHz
dF0/dT
Free Running Frequency Thermal Drift
(No drift on external components)
-150
ppm/C
CR
PLL1 Capture Range
R0 = 6.49k
Ω,C0 = 820pF,
from f0+0.5kHz to 4.5F0
fH(Min.)
fH(Max.)
100
23.5
kHz
kHz
PLLinh
PLL1 Inhibition (Pin3)
Typ Threshold = 1.6V
PLL ON
PLL OFF
2
0.8
V
V
SFF
Safe Forced Frequency
SF1 Byte 11xxxxxx
SF2 Byte 10xxxxxx
Sub-Address 02
2F0
3F0
FC1
FC2
VCO Sawtooth Level
High FC1=(4.VREF-H)/5
Low FC2=(VREF-H)/5
Pin 9 To filter
Pin 8 To filter
6.4
1.6
V
V
2nd PLL SECTION AND HORIZONTAL OUTPUT SECTION
FBth
Flyback Input Threshold Voltage (Pin 6)
0.65
0.75
V
Hjit
Horizontal Jitter (see Pins 8-9 filtering)
TBD
ppm
Horizontal Drive Output Duty-Cycle
(Pin 20 or 21) (see Note 1)
48
%
XRAYth
X-RAY Protection Input Threshold Voltage
Pin 15
8
V
Vphi2
Internal Clamping Levels on 2nd PLL Loop
Filter (Pin 4)
Low Level
High Level
1.6
4.0
V
V
VSCinh
Threshold Voltage To Stop H-Out,V-Out
when VCC < VSCinh
Pin 18
7.5
V
IHblk
Maximum Horizont al Blanking Output
Current
I22
10
mA
VHblk
Horizont al Blanking Output Low Level
(Blanking ON)
V22 with I22 = 10mA
0.25
0.5
V
HDvd
HDem
Horizontal Drive Output
Low Level (Pin 20 to GND)
High Level (Pin 21 to VCC=12V)
V21-V20,IOUT = 20mA
V20,IOUT = 20mA
9.5
1.1
10
1.7
V
V
Notes : 1. Duty Cycle is the ratio of power transistor OFF time to period. Power transistor is OFF when output transistor is OFF.
2. Initial Condition for Safe Operation Start Up (Max. duty cycle).
TDA9106A
7/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com