Electronic Components Datasheet Search
  English  ▼

X  

TDA9106A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9106A Datasheet HTML 4Page - STMicroelectronics TDA9106A Datasheet HTML 5Page - STMicroelectronics TDA9106A Datasheet HTML 6Page - STMicroelectronics TDA9106A Datasheet HTML 7Page - STMicroelectronics TDA9106A Datasheet HTML 8Page - STMicroelectronics TDA9106A Datasheet HTML 9Page - STMicroelectronics TDA9106A Datasheet HTML 10Page - STMicroelectronics TDA9106A Datasheet HTML 11Page - STMicroelectronics TDA9106A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
HORIZONTAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb =25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
HORIZONTAL DYNAMIC FOCUS SECTION
HDFst
Horizontal Dynamic Focus Sawtooth
Minimum Level
Maximum Level
HfocusCap = C0 = 820pF,
fH = 90kHz, Pin 16
2
4.7
V
V
HDFdis
Horizontal Dynamic Focus Sawtooth
Discharge Width
Driven by Hfly
500
ns
HDFDC
Bottom DC Output Level
RLOAD = 10k
Ω, Pin 17
2
V
TDHDF
DC Output Voltage Thermal Drift
200
ppm/C
HDFamp
Horizontal Dynamic Focus Amplitude
Min Byte xxx11111
Typ Byte xxx10000
Max Byte xxx00000
Sub-Address 03, Pin 17,
fH = 90kHz, Keystone Typ
1
1.5
3
VPP
VPP
VPP
HDFKeyst
Horizontal Dynamic Focus Keystone
Min A/B Byte xxx11111
Typ Byte xxx10000
Max A/B Byte xxx00000
Sub-Address 04,
fH = 90kHz, Typ Amp
B/A
A/B
A/B
3.5
1.0
3.5
MOIRE OUTPUT
RMOIRE
Minimum Output Resistor
Pin 2
2
k
VMOIRE
Output Voltage (moire off),
Subaddress 0F
Pin 2, RMOIRE =2k
Byte 0xx00000
Byte 0xx10000
Byte 0xx11111
0.2
1.1
2.0
V
V
V
TDA9106A
8/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com