Electronic Components Datasheet Search
  English  ▼

X  

TDA9109 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 4Page - STMicroelectronics TDA9109 Datasheet HTML 5Page - STMicroelectronics TDA9109 Datasheet HTML 6Page - STMicroelectronics TDA9109 Datasheet HTML 7Page - STMicroelectronics TDA9109 Datasheet HTML 8Page - STMicroelectronics TDA9109 Datasheet HTML 9Page - STMicroelectronics TDA9109 Datasheet HTML 10Page - STMicroelectronics TDA9109 Datasheet HTML 11Page - STMicroelectronics TDA9109 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
HORIZONTAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb = 25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
2nd PLL SECTION AND HORIZONTAL OUTPUT SECTION
FBth
Flyback Input Threshold Voltage (Pin 12)
0.65
0.75
V
Hjit
Horizontal Jitter
At 31.4kHz
70
ppm
HDmin
HDmax
Horizontal Drive Output Duty-Cycle
(Pin 26) (see Note 6)
Sub-Address 00
Byte xxx11111
Byte xxx00000 (see Note 7)
30
60
%
%
XRAYth
X-RAY Protection Input Threshold Voltage
Pin 25, see Note 8
8
V
Vphi2
Internal Clamping Levels on 2nd PLL
Loop Filter (Pin 4)
Low Level
High Level
1.6
4.0
V
V
VSCinh
Threshold Voltage to Stop H-Out,V-Out,
B-Out and Reset XRAY
when VCC < VSCinh (see Note 8)
Pin 29
7.5
V
VSDinh
Threshold Voltage to Stop H-Out,V-Out,
B-Out and Reset XRAY
when VDD < VSDinh
Pin 32
4.0
V
HDvd
Horizontal Drive Output (low level)
Pin 26, IOUT = 30mA
0.4
V
VERTICAL DYNAMIC FOCUS FUNCTION (positive parabola)
HDFDC
Bottom DC Output Level
RLOAD = 10k
Ω, Pin 10
2
V
TDHDF
DC Output Voltage Thermal Drift (see
Note 5)
200
ppm/C
AMPVDF
Vertical Dynamic Focus Parabola
Amplitude with VAMP and VPOS Typical
Min. Byte 000000
Typ. Byte 100000
Max. Byte 111111
Sub-Address 0F
0
0.5
1
VPP
VPP
VPP
VDFAMP
Parabola Amplitude Function of VAMP
(tracking between VAMP and VDF) with
VPOS Typ. (see Figure 1 and Note 9)
Sub-Address 05
Byte 10000000
Byte 11000000
Byte 11111111
0.6
1
1.5
VPP
VPP
VPP
VHDFKeyt Parabola Asymetry Function of VPOS
Control (tracking between VPOS and VDF)
with VAMP Max.
Sub-Address 06
Byte x0000000
Byte x1111111
0.52
0.52
VPP
VPP
Notes : 5. These parameters are not tested on each unit. They are measured during our internal qualification.
6. Duty Cycle is the ratio between the output transistor OFF time and the period. The power transistor is controlled OFF when the
output transistor is OFF.
7. Initial Condition for Safe Operation Start Up
8. See Figure 14.
9. S and C correction are inhibited so the output sawtooth has a linear shape.
TDA9109/S
8/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com