Electronic Components Datasheet Search
  English  ▼

X  

TDA9109 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 5Page - STMicroelectronics TDA9109 Datasheet HTML 6Page - STMicroelectronics TDA9109 Datasheet HTML 7Page - STMicroelectronics TDA9109 Datasheet HTML 8Page - STMicroelectronics TDA9109 Datasheet HTML 9Page - STMicroelectronics TDA9109 Datasheet HTML 10Page - STMicroelectronics TDA9109 Datasheet HTML 11Page - STMicroelectronics TDA9109 Datasheet HTML 12Page - STMicroelectronics TDA9109 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VERTICAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUTS SECTION
VEWM
Maximum E/W Output Voltage
Pin 24
6.5
V
VEWm
Minimum E/W Output Voltage
Pin 24
1.8
V
RLOAD
Minimum Load for less than 1% Vertical Amplitude Drift
Pin 20
65
M
Ω
Electrical Characteristics (VCC = 12V, Tamb = 25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VERTICAL RAMP SECTION
VRB
Voltage at Ramp Bottom Point
VREF-V = 8V, Pin 22
2
V
VRT
Voltage at Ramp Top Point (with Sync)
VREF-V = 8V, Pin 22
5
V
VRTF
Voltage at Ramp Top Point (without Sync)
Pin 22
VRT-0.1
V
VSTD
Vertical Sawtooth Discharge Time
Pin 22, C22 = 150nF
70
µs
VFRF
Vertical Free Running Frequency
(see Note 10)
COSC (Pin 22) = 150nF
Measured on Pin22
100
Hz
ASFR
AUTO-SYNC Frequency (see Note 11)
C22 = 150nF
±5%
50
185
Hz
RAFD
Ramp Amplitude Drift Versus Frequency at
Maximum Vertical Amplitude (see Note 5)
C22 = 150nF
50Hz < f and f < 185Hz
200
ppm/Hz
Rlin
Ramp Linearity on Pin 22 (see Note 10)
2.5V < V27 and V27 < 4.5V
0.5
%
VPOS
Vertical Position Adjustment Voltage
(Pin23 - VOUT mean value)
Sub Address 06
Byte x0000000
Byte x1000000
Byte x1111111
3.65
3.2
3.5
3.8
3.3
V
V
V
VOR
Vertical Output Voltage
(peak-to-peak on Pin 23)
Sub Address 05
Byte x0000000
Byte x1000000
Byte x1111111
3.5
2.25
3
3.75
2.5
V
V
V
VOI
Vertical Output Maximum Current (Pin 23)
±5mA
dVS
Max Vertical S-Correction Amplitude
(see Note 12)
x0xxxxxx inhibits S-CORR
x1111111 gives max S-CORR
Sub Address 07
∆V/VPP at TV/4
∆V/VPP at 3TV/4
-4
+4
%
%
Ccorr
Vertical C-Corr Amplitude
x0xxxxxx inhibits C-CORR
Sub Address 08
∆V/VPP @ TV/2
Byte x1000000
Byte x1100000
Byte x1111111
-3
0
3
%
%
%
Notes : 5.
These parameters are not tested on each unit. They are measured during our internal qualification.
10. With Register 07 at Byte x0xxxxxx (S correction is inhibited) and with Register 08 at Byte x0xxxxxx (C correction is inhibited), the
sawtooth has a linear shape.
11. This is the frequency range for which the vertical oscillator will automatically synchronize, using a single capacitor value on Pin 22
and with a constant ramp amplitude.
12. TV is the vertical period.
TDA9109/S
9/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com