Electronic Components Datasheet Search
  English  ▼

X  

TDA9109 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 2Page - STMicroelectronics TDA9109 Datasheet HTML 3Page - STMicroelectronics TDA9109 Datasheet HTML 4Page - STMicroelectronics TDA9109 Datasheet HTML 5Page - STMicroelectronics TDA9109 Datasheet HTML 6Page - STMicroelectronics TDA9109 Datasheet HTML 7Page - STMicroelectronics TDA9109 Datasheet HTML 8Page - STMicroelectronics TDA9109 Datasheet HTML 9Page - STMicroelectronics TDA9109 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Pin 29)
13.5
V
VDD
Supply Voltage (Pin 32)
5.7
V
VIN
Max Voltage on Pin 4
Pin 5
Pins 6, 7, 8, 14, 15, 16, 20, 22
Pins 9, 10, 18, 23, 24, 25, 26, 28
Pins 1, 2, 3, 30, 31
4.0
6.4
8.0
VCC
VDD
V
V
V
V
V
VESD
ESD susceptibility Human Body Model,100pF Discharge through 1.5k
Ω
EIAJ Norm, 200pF Discharge through 0
Ω
2
300
kV
V
Tstg
Storage Temperature
-40, +150
oC
Tj
Junction Temperature
+150
oC
Toper
Operating Temperature
0, +70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-Ambient Thermal Resistance
Max.
65
oC/W
SYNC PROCESSOR
Operating Conditions (VDD = 5V, Tamb = 25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
HsVR
Voltage on H/HVIN Input
Pin 1
0
5
V
MinD
Minimum Horizontal Input Pulses Duration
Pin 1
0.7
µs
Mduty
Maximum Horizontal Input Signal Duty Cycle
Pin 1
25
%
VsVR
Voltage on VSYNCIN
Pin 2
0
5
V
VSW
Minimum Vertical Sync Pulse Width
Pin 2
5
µs
VSmD
Maximum Vertical Sync Input Duty Cycle
Pin 2
15
%
VextM
Maximum Vertical Sync Width on TTL H/Vcomposite
Pin 1
750
µs
IHLOCKOUT
Sink and Source Current
Pin3
250
µA
Electrical Characteristics (VDD = 5V, Tamb = 25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VINTH
Horizontal and Vertical Input Logic Level
(Pins 1, 2)
Low Level
High Level
2.2
0.8
V
V
RIN
Horizontal and Vertical Pull-Up Resistor
Pins 1, 2
200
k
Ω
TfrOut
Fall and Rise Time, Output CMOS Buffer
Pin 3, COUT = 20pF
200
ns
VHlock
Horizontal 1st PLL Lock Output Status (Pin 3)
Locked, ILOCKOUT = -250
µA
Unlocked, ILOCKOUT = +250
µA4.4
0
5
0.5
V
V
VoutT
Extracted Vsync Integration Time (% of TH)
on H/V Composite (see Note 1)
C0 = 820pF
26
35
%
Note 1 : TH is the horizontal period.
I
2C READ/WRITE (see Note 2)
Electrical Characteristics (VDD = 5V,Tamb = 25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
2C PROCESSOR
Fscl
Maximum Clock Frequency
Pin 30
400
kHz
Tlow
Low period of the SCL Clock
Pin 30
1.3
µs
Thigh
High period of the SCL Clock
Pin 30
0.6
µs
Vinth
SDA and SCL Input Threshold
Pins 30,31
2.2
V
VACK
Acknowledge Output Voltage on SDA input with 3mA
Pin 31
0.4
V
Note 2 : See also I
2C Table Control and I2C Sub Address Control.
TDA9109/S
6/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com