Electronic Components Datasheet Search
  English  ▼

X  

M62301FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62301FP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62301FP Datasheet HTML 3Page - Renesas Technology Corp M62301FP Datasheet HTML 4Page - Renesas Technology Corp M62301FP Datasheet HTML 5Page - Renesas Technology Corp M62301FP Datasheet HTML 6Page - Renesas Technology Corp M62301FP Datasheet HTML 7Page - Renesas Technology Corp M62301FP Datasheet HTML 8Page - Renesas Technology Corp M62301FP Datasheet HTML 9Page - Renesas Technology Corp M62301FP Datasheet HTML 10Page - Renesas Technology Corp M62301FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 7 of 11
2. 4-channel 12-bit A/D converter system
Separate power supplies to analog section and digital section, analog input voltage range mode wider up to VDD,
external reference voltage for integration.
To microcomputer
5 V power supply
To microcomputer
5 V power supply
To microcomputer
control pin
To counter
To
RESET
Input analog
voltage
8 V
2.5 V
10 k
24 k
10 k
II = 50 µA
50
µA
CINT
680 pF
CREF
RI
CI
6800 pF
4700 pF
4
1
2
3
5
17
20
19
18
16
6
7
15
14
813
912
10
11
A3
A1
A2
A4
VDD
Note:
CREF: To stabilize reference voltage, be sure to connect capacitance of approximately 4700 pF.
CINT: We suggest that this capacitance be connected to prevent malfunction due to noise.
Use CI that leaks as slight current as possible. To prevent leak to the circuit board, we recommend
providing guard ring (7), (9).
Because separate power supplies are provided for the analog are digital sections, the M62301 has two supply
voltage VCC and VDD, enabling a wide analog input voltage range VIA. The upper limit of the range is required to be
no more than the difference between VCC – 2.5 V as well as VDD, therefore, the analog input voltage range in this
application is 0 V to 5 V.
When the counter clock frequency is 8 MHz, resolution is;
1
8 M
≈ 212
50
µA
(5 + 0.13)
6800 pF
×
An A/D converter system with resolution of approximately 12 bits can be formed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com