Electronic Components Datasheet Search
  English  ▼

X  

M62301FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62301FP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62301FP Datasheet HTML 1Page - Renesas Technology Corp M62301FP Datasheet HTML 2Page - Renesas Technology Corp M62301FP Datasheet HTML 3Page - Renesas Technology Corp M62301FP Datasheet HTML 4Page - Renesas Technology Corp M62301FP Datasheet HTML 5Page - Renesas Technology Corp M62301FP Datasheet HTML 6Page - Renesas Technology Corp M62301FP Datasheet HTML 7Page - Renesas Technology Corp M62301FP Datasheet HTML 8Page - Renesas Technology Corp M62301FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 1 of 11
M62301SP/FP
10 to 12-bit 4-ch Integrating A/D Converter
REJ03D0861-0300
Rev.3.00
Mar 25, 2008
Description
M62301 semiconductor integrated circuit forms an integrating A/D converter, being connected to a microcomputer unit.
By using selection signals and counter clock signals from the unit, a 10 to 12-bit A/D converter can be created at a low
cost.
The integration time and resolution can be set at the users option by changing external parameters. In addition, the
built-in circuit offset, delay time and temperature fluctuation are adjustable, enabling a wide range of applications.
M62301 has a 3 input decoder circuit, high-precision reference voltage (1.22 V) generator, current supply and
comparator for integration, and voltage-monitoring reset circuit for a 5 V power supply. It is also equipped with
girdling to prevent current leak from integration capacitor.
Features
• Separate power supplies for analog section and digital section.
• Low power dissipation: 2 mA (Typ)
(1 mA for A/D conversion and the other 1 mA for reset)
• Linear error: ±0.02% (Typ)
• Conversion time: 526 µs/ch (Typ)
• Built-in system reset: 4.45 V (Typ)
Application
High-precision control systems such as temperature control and speed control
Block Diagram
+
−
+
−
+
−
19
18
17
16
15
5
1
6
13
12
11
10
20
14
7
8
9
2
3
4
A1
A2
A3
INT
VCC for
RESET
RESET
A4
A1
A2
A3
A4
GND
VREF
VREF
1.22 V
Reference
input
Reference
voltage
Integrating
capacitor
Guard
ring 1
Guard
ring 2
C0 C1 C2
Constant
current control
Analog
VCC
Analog
GND
Digital
GND
Digital
VDD
0.49 V
Discharge
Decoder
0.36 V
Delay
circuit
150
µs


Similar Part No. - M62301FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62301FP MITSUBISHI-M62301FP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
More results

Similar Description - M62301FP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
12-Bit, 10 MSPS A/D Converter
02 1999
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
fujitsu semiconductor
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
8 CH 10 BIT A/D CONVERTER
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
Precision 22 Bit Integrating A/D Converter
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
Programmable Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
ADC180 RHOPOINT-ADC180 Datasheet
259Kb / 7P
Programmable Integrating A/D Converter
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com