Electronic Components Datasheet Search
  English  ▼

X  

M62301FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M62301FP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M62301FP Datasheet HTML 4Page - Renesas Technology Corp M62301FP Datasheet HTML 5Page - Renesas Technology Corp M62301FP Datasheet HTML 6Page - Renesas Technology Corp M62301FP Datasheet HTML 7Page - Renesas Technology Corp M62301FP Datasheet HTML 8Page - Renesas Technology Corp M62301FP Datasheet HTML 9Page - Renesas Technology Corp M62301FP Datasheet HTML 10Page - Renesas Technology Corp M62301FP Datasheet HTML 11Page - Renesas Technology Corp M62301FP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 9 of 11
Typical Characteristics
Thermal Derating
Ambient Temperature Ta (
°C)
Analog Part Supply Current vs.
Supply Voltage
Analog Supply Voltage VCC (V)
Ambient Temperature Ta (
°C)
Analog Input Range VIA (V)
INT Output Current IO INT (mA)
Linear Error
Standard Voltage vs.
Ambient Temperature
INT Output "L" Level vs.
Output Current
INT Output vs.
Ambient Temperature
Ambient Temperature Ta (
°C)
1000
800
600
400
200
0
1.24
1.23
1.22
1.21
1.20
1.19
1.0
0.7
0.4
0.8
0.9
0.6
0.5
0.2
0.1
0.3
0
2.0
1.0
0
0.05
0.04
0.01
0.03
0.02
0
200
100
0
0
−20
0
25
50
75
100
125
0
5
10
0
1.0
2.0
2.5
20
40
60
80
0.01
0.1
1
10
−20
0
20406080
(OSR)
(FSR)
RI = 24 kΩ
RI = 12 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com