Electronic Components Datasheet Search
  English  ▼

X  

EYD Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EYD
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYD Datasheet(HTML) 5 Page - Vishay Siliconix

  EYD Datasheet HTML 1Page - Vishay Siliconix EYD Datasheet HTML 2Page - Vishay Siliconix EYD Datasheet HTML 3Page - Vishay Siliconix EYD Datasheet HTML 4Page - Vishay Siliconix EYD Datasheet HTML 5Page - Vishay Siliconix EYD Datasheet HTML 6Page - Vishay Siliconix EYD Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 25125
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 21-Aug-08
5
EYD
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
200
150
25 x 30
0.70
1.33
0.18
0.06
1000
770
MALPEYD00AV315S02W
220
25 x 40
0.94
1.78
0.26
0.09
680
525
MALPEYD00AB322S02W
330
30 x 40
1.27
2.41
0.40
0.14
460
360
MALPEYD00BB333S02W
470
35 x 40
1.66
3.15
0.57
0.19
320
250
MALPEYD00CB347S02W
680
35 x 50
2.19
4.15
0.82
0.28
220
170
MALPEYD00CD368S02W
680
40 x 40
2.17
4.11
0.82
0.28
220
170
MALPEYD00DB368S02W
1000
40 x 50
2.86
5.42
1.20
0.40
150
115
MALPEYD00DD410S02W
1500
40 x 70
3.81
7.22
1.80
0.60
110
85
MALPEYD00DG415S02W
2200
40 x 100
5.20
9.86
2.64
0.88
80
60
MALPEYD00DM422S02W
385
68
25 x 30
0.47
0.89
0.16
0.06
2200
1480
MALPEYD00AV268R02W
100
25 x 40
0.64
1.21
0.23
0.08
1500
1020
MALPEYD00AB310R02W
150
30 x 40
0.90
1.71
0.35
0.12
1000
700
MALPEYD00BB315R02W
220
35 x 40
1.15
2.18
0.51
0.17
680
480
MALPEYD00CB322R02W
330
35 x 50
1.53
2.90
0.77
0.26
450
340
MALPEYD00CD333R02W
330
40 x 40
1.52
2.88
0.77
0.26
450
340
MALPEYD00DB333R02W
470
40 x 50
1.96
3.72
1.09
0.36
320
260
MALPEYD00DD347R02W
680
40 x 70
2.70
5.12
1.58
0.53
220
190
MALPEYD00DG368R02W
1000
40 x 100
3.70
7.02
2.31
0.78
180
140
MALPEYD00DM410R02W
400
68
25 x 30
0.54
1.02
0.16
0.06
2100
1000
MALPEYD00AV268X02W
100
25 x 40
0.73
1.38
0.24
0.08
1400
780
MALPEYD00AB310X02W
150
30 x 40
0.98
1.86
0.36
0.12
950
520
MALPEYD00BB315X02W
220
35 x 40
1.28
2.43
0.52
0.17
650
400
MALPEYD00CB322X02W
330
35 x 50
1.67
3.17
0.79
0.26
480
280
MALPEYD00CD333X02W
330
40 x 40
1.67
3.17
0.79
0.26
480
280
MALPEYD00DB333X02W
470
40 x 50
2.12
4.02
1.12
0.37
340
220
MALPEYD00DD347X02W
680
40 x 70
2.90
5.50
1.63
0.54
235
155
MALPEYD00DG368X02W
1000
40 x 100
4.05
7.68
2.40
0.80
160
110
MALPEYD00DM410X02W
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
≥ 385 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
max. 25 nH
Case Ø D = 30 mm and 35 mm
max. 30 nH
Case Ø D = 40 mm
max. 35 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com