Electronic Components Datasheet Search
  English  ▼

X  

EYD Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EYD
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYD Datasheet(HTML) 4 Page - Vishay Siliconix

  EYD Datasheet HTML 1Page - Vishay Siliconix EYD Datasheet HTML 2Page - Vishay Siliconix EYD Datasheet HTML 3Page - Vishay Siliconix EYD Datasheet HTML 4Page - Vishay Siliconix EYD Datasheet HTML 5Page - Vishay Siliconix EYD Datasheet HTML 6Page - Vishay Siliconix EYD Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25125
4
Revision: 21-Aug-08
EYD
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
10
10 000
25 x 30
3.1
5.9
0.60
0.20
51
40
MALPEYD00AV510C02W
15 000
25 x 40
4.1
7.8
0.90
0.30
37
30
MALPEYD00AB515C02W
22 000
30 x 40
5.0
9.5
1.32
0.44
30
25
MALPEYD00BB522C02W
33 000
35 x 40
5.5
10.4
1.98
0.66
28
24
MALPEYD00CB533C02W
47 000
35 x 50
6.8
12.9
2.82
0.94
23
20
MALPEYD00CD547C02W
47 000
40 x 40
5.8
10.4
2.82
0.94
29
22
MALPEYD00DB547C02W
68 000
40 x 50
7.1
13.5
4.08
1.36
24
20
MALPEYD00DD568C02W
100 000
40 x 70
9.2
17.4
6.00
2.00
19
16
MALPEYD00DG610C02W
150 000
40 x 100
12.0
22.7
9.00
3.00
16
14
MALPEYD00DM615C02W
16
6800
25 x 30
3.1
5.9
0.65
0.22
53
42
MALPEYD00AV468D02W
10 000
25 x 40
4.0
7.6
0.96
0.32
39
34
MALPEYD00AB510D02W
15 000
30 x 40
5.0
9.5
1.44
0.48
31
27
MALPEYD00BB515D02W
22 000
35 x 40
5.5
10.4
2.12
0.71
29
26
MALPEYD00CB522D02W
33 000
35 x 50
6.7
12.7
3.17
1.06
23
21
MALPEYD00CD533D02W
33 000
40 x 40
5.7
10.8
3.17
1.06
30
24
MALPEYD00DB533D02W
47 000
40 x 50
7.0
13.3
4.52
1.51
24
20
MALPEYD00DD547D02W
68 000
40 x 70
9.2
17.4
6.53
2.18
19
16
MALPEYD00DG568D02W
100 000
40 x 100
12.0
22.7
9.60
3.20
16
14
MALPEYD00DM610D02W
25
4700
25 x 30
2.9
5.5
0.71
0.24
60
42
MALPEYD00AV447E02W
6800
25 x 40
3.9
7.4
1.02
0.34
42
34
MALPEYD00AB468E02W
10 000
30 x 40
4.8
9.1
1.50
0.50
34
27
MALPEYD00BB510E02W
15 000
35 x 40
5.3
10.0
2.25
0.75
30
26
MALPEYD00CB515E02W
22 000
35 x 50
6.5
12.3
3.30
1.10
24
21
MALPEYD00CD522E02W
22 000
40 x 40
5.7
10.8
3.30
1.10
31
24
MALPEYD00DB522E02W
33 000
40 x 50
7.0
13.3
4.95
1.65
25
20
MALPEYD00DD533E02W
47 000
40 x 70
9.2
17.4
7.05
2.35
19
16
MALPEYD00DG547E02W
68 000
40 x 100
12.0
22.7
10.20
3.40
16
14
MALPEYD00DM568E02W
40
3300
25 x 30
2.9
5.5
0.80
0.27
87
63
MALPEYD00AV433G02W
4700
25 x 40
3.8
7.2
1.13
0.38
62
47
MALPEYD00AB447G02W
6800
30 x 40
4.7
8.9
1.64
0.55
49
38
MALPEYD00BB468G02W
10 000
35 x 40
5.2
9.8
2.40
0.80
48
37
MALPEYD00CB510G02W
15 000
35 x 50
6.3
11.9
3.60
1.20
37
28
MALPEYD00CD515G02W
15 000
40 x 40
5.6
10.6
3.60
1.20
50
35
MALPEYD00DB515G02W
22 000
40 x 50
5.8
11.0
5.28
1.76
39
28
MALPEYD00DD522G02W
33 000
40 x 70
7.8
14.8
7.92
2.64
28
21
MALPEYD00DG533G02W
47 000
40 x 100
10.4
19.7
11.28
3.76
22
17
MALPEYD00DM547G02W
63
2200
25 x 30
2.5
4.7
0.84
0.28
83
62
MALPEYD00AV422J02W
3300
25 x 40
3.3
6.2
1.25
0.42
58
42
MALPEYD00AB433J02W
4700
30 x 40
4.1
7.8
1.78
0.60
49
38
MALPEYD00BB447J02W
6800
35 x 40
4.5
8.5
2.57
0.86
48
37
MALPEYD00CB468J02W
10 000
35 x 50
5.4
10.2
3.78
1.26
37
28
MALPEYD00CD510J02W
10 000
40 x 40
4.6
8.7
3.78
1.26
52
37
MALPEYD00DB510J02W
15 000
40 x 70
7.5
14.2
5.67
1.89
29
24
MALPEYD00DG515J02W
22 000
40 x 100
10.0
19.0
8.32
2.77
22
19
MALPEYD00DM522J02W
100
680
25 x 30
1.74
3.30
0.41
0.14
190
130
MALPEYD00AV368L02W
1000
25 x 40
2.34
4.44
0.60
0.20
130
90
MALPEYD00AB410L02W
1500
30 x 40
2.95
5.59
0.90
0.30
95
67
MALPEYD00BB415L02W
2200
35 x 40
3.69
7.00
1.32
0.44
71
53
MALPEYD00CB422L02W
3300
35 x 50
4.37
8.29
1.98
0.66
55
41
MALPEYD00CD433L02W
3300
40 x 40
4.16
7.89
1.98
0.66
64
48
MALPEYD00DB433L02W
4700
40 x 50
5.21
9.88
2.82
0.94
49
38
MALPEYD00DD447L02W
6800
40 x 70
6.97
13.22
4.08
1.36
35
28
MALPEYD00DG468L02W
10 000
40 x 100
9.50
18.00
6.00
2.00
26
21
MALPEYD00DM510L02W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com