Electronic Components Datasheet Search
  English  ▼

X  

EYD Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EYD
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYD Datasheet(HTML) 6 Page - Vishay Siliconix

  EYD Datasheet HTML 1Page - Vishay Siliconix EYD Datasheet HTML 2Page - Vishay Siliconix EYD Datasheet HTML 3Page - Vishay Siliconix EYD Datasheet HTML 4Page - Vishay Siliconix EYD Datasheet HTML 5Page - Vishay Siliconix EYD Datasheet HTML 6Page - Vishay Siliconix EYD Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25125
6
Revision: 21-Aug-08
EYD
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
LIFETIME TABLE rated voltage:
≤ 100 V
Notes
IR
100 Hz alternating current (A) at upper category temperature TUC taken from datasheet
I
User current (A)
Ta
Ambient temperature of capacitor (°C)
ΔT
0 Surface temperature rise of capacitor caused by AC load (°C)
L
Lifetime multiplier
LIFETIME TABLE rated voltage: > 100 V
Notes
IR
100 Hz alternating current (A) at upper category temperature TUC taken from datasheet
I
User current (A)
Ta
Ambient temperature of capacitor (°C)
ΔT
0 Surface temperature rise of capacitor caused by AC load (°C)
L
Lifetime multiplier
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency dependent)
SURFACE
TEMPERATURE
RISE
LIFETIME MULTIPLIER (depending on I/IR and Ta)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Ta (°C)
50
100
250
500
1000
> 2500
ΔT
0 (°C)
40
45
50
55
60
65
70
75
80
85
0.19
0.20
0.21
0.22
0.23
0.24
0.2
63
40
26
17
11
7.4
5.0
3.4
2.4
1.64
0.39
0.40
0.42
0.44
0.46
0.47
0.6
57
36
23
15
10
6.8
4.6
3.2
2.2
1.53
0.58
0.60
0.62
0.66
0.69
0.71
1.3
48
31
20
13
8.9
6.0
4.1
2.8
2.0
1.38
0.78
0.80
0.83
0.88
0.92
0.95
2.1
39
25
17
11
7.5
5.1
3.5
2.4
1.7
1.21
0.97
1.00
1.04
1.10
1.15
1.18
3.2
30
20
13
9.0
6.1
4.2
2.9
2.0
1.4
1.00
1.17
1.20
1.25
1.31
1.38
1.42
4.4
22
15
10
7.0
4.8
3.4
2.3
1.7
1.2
1.36
1.40
1.46
1.53
1.61
1.66
6.0
16
11
7.7
5.3
3.7
2.6
1.8
1.3
1.55
1.60
1.67
1.75
1.84
1.89
7.9
11
8.0
5.6
3.9
2.8
2.0
1.4
1.0
1.75
1.80
1.87
1.97
2.07
2.13
10
7.8
5.5
3.9
2.8
2.0
1.4
1.0
1.94
2.00
2.08
2.19
2.30
2.37
12
5.3
3.8
2.7
2.0
1.4
1.0
combination
2.14
2.20
2.29
2.41
2.53
2.60
15
3.5
2.5
1.8
1.3
not
2.33
2.40
2.50
2.63
2.76
2.84
17
2.2
1.6
1.2
permitted
2.53
2.60
2.71
2.85
2.99
3.08
20
1.4
1.1
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency dependent)
SURFACE
TEMPERATURE
RISE
LIFETIME MULTIPLIER (depending on I/IR and Ta)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Ta (°C)
50
100
250
500
1000
> 2500
ΔT
0 (°C)
40
45
50
55
60
65
70
75
80
85
0.16
0.20
0.25
0.27
0.28
0.29
0.2
94
60
38
25
17
11
7.5
5.1
2.4
1.64
0.32
0.40
0.49
0.54
0.57
0.59
0.6
83
53
35
23
15
10
6.9
3.2
2.2
1.54
0.48
0.60
0.74
0.81
0.85
0.88
1.2
68
45
30
20
13
9.0
6.2
2.8
2.0
1.39
0.64
0.80
0.98
1.07
1.13
1.18
2.0
54
36
24
16
11
7.6
5.3
2.5
1.7
1.22
0.80
1.00
1.23
1.34
1.42
1.47
3.1
41
28
19
13
9.0
6.3
2.9
2.1
1.5
1.00
0.96
1.20
1.47
1.61
1.70
1.76
4.9
30
21
15
10
7.1
5
2.4
1.7
1.2
1.12
1.40
1.72
1.88
1.98
2.06
6.7
21
15
11
7.7
5.5
2.6
1.9
1.3
1.28
1.60
1.96
2.15
2.27
2.35
8.6
15
11
7.9
5.7
2.7
2.0
1.4
1.0
1.44
1.80
2.21
2.42
2.55
2.65
11
10
7.6
5.6
2.7
2.0
1.5
1.1
1.60
2.00
2.45
2.69
2.83
2.94
13
7.0
5.3
2.6
2.0
1.5
1.1
combination
1.76
2.20
2.70
2.95
3.12
3.23
15
3.2
2.4
1.8
1.4
1.0
not
1.92
2.40
2.94
3.22
3.40
3.53
18
2.1
1.6
1.2
permitted
2.08
2.60
3.19
3.49
3.68
3.82
20
1.4
1.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com