Electronic Components Datasheet Search
  English  ▼

X  

EYH Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-in
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 5 Page - Vishay Siliconix

  EYH Datasheet HTML 1Page - Vishay Siliconix EYH Datasheet HTML 2Page - Vishay Siliconix EYH Datasheet HTML 3Page - Vishay Siliconix EYH Datasheet HTML 4Page - Vishay Siliconix EYH Datasheet HTML 5Page - Vishay Siliconix EYH Datasheet HTML 6Page - Vishay Siliconix EYH Datasheet HTML 7Page - Vishay Siliconix EYH Datasheet HTML 8Page - Vishay Siliconix EYH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number 25139
For technical questions, contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 14-Feb-08
173
EYH
Aluminum Capacitors
Standard - 105 °C Snap-in
Vishay Roederstein
10
27 000
30 x 30
3.8
0.79
0.040
0.040
30
EYH07BV527C02K
MALIEYH07BV527C02K
33 000
25 x 45
4.3
0.67
0.030
0.030
31
EYH07AC533C02K
MALIEYH07AC533C02K
33 000
30 x 35
4.2
0.79
0.035
0.030
35
EYH07BA533C02K
MALIEYH07BA533C02K
39 000
25 x 50
4.6
0.69
< 0.030
< 0.030
35
EYH07AD539C02K
MALIEYH07AD539C02K
39 000
30 x 40
4.6
0.79
0.030
0.030
40
EYH07BB539C02K
MALIEYH07BB539C02K
39 000
35 x 30
4.5
1.05
0.040
0.035
41
EYH07CV539C02K
MALIEYH07CV539C02K
47 000
30 x 45
5.0
0.81
< 0.030
< 0.030
45
EYH07BC547C02K
MALIEYH07BC547C02K
47 000
35 x 35
4.9
1.04
0.030
0.030
48
EYH07CA547C02K
MALIEYH07CA547C02K
56 000
35 x 45
5.5
0.93
< 0.030
< 0.030
62
EYH07CC556C02K
MALIEYH07CC556C02K
56 000
40 x 40
5.6
1.05
< 0.030
< 0.030
72
EYH07DB556C02K
MALIEYH07DB556C02K
68 000
40 x 50
6.2
0.99
< 0.030
< 0.030
89
EYH07DD568C02K
MALIEYH07DD568C02K
16
8200
22 x 25
2.1
0.49
0.080
0.075
14
EYH07LU482D02K
MALIEYH07LU482D02K
10 000
22 x 30
2.5
0.48
0.065
0.060
16
EYH07LV510D02K
MALIEYH07LV510D02K
10 000
25 x 25
2.6
0.51
0.070
0.065
18
EYH07AU510D02K
MALIEYH07AU510D02K
12 000
22 x 35
2.8
0.48
0.055
0.050
19
EYH07LA512D02K
MALIEYH07LA512D02K
12 000
25 x 30
2.9
0.50
0.060
0.055
21
EYH07AV512D02K
MALIEYH07AV512D02K
12 000
30 x 25
3.0
0.54
0.060
0.055
25
EYH07BU512D02K
MALIEYH07BU512D02K
15 000
22 x 40
3.2
0.48
0.045
0.040
22
EYH07LB515D02K
MALIEYH07LB515D02K
15 000
25 x 35
3.3
0.50
0.045
0.045
25
EYH07AA515D02K
MALIEYH07AA515D02K
15 000
30 x 30
3.4
0.53
0.050
0.045
30
EYH07BV515D02K
MALIEYH07BV515D02K
18 000
22 x 45
3.5
0.49
0.040
0.035
24
EYH07LC518D02K
MALIEYH07LC518D02K
18 000
25 x 40
3.7
0.50
0.040
0.035
28
EYH07AB518D02K
MALIEYH07AB518D02K
18 000
30 x 30
3.6
0.58
0.045
0.040
30
EYH07BV518D02K
MALIEYH07BV518D02K
22 000
25 x 45
4.0
0.51
0.035
0.030
31
EYH07AC522D02K
MALIEYH07AC522D02K
22 000
30 x 35
4.0
0.58
0.035
0.035
35
EYH07BA522D02K
MALIEYH07BA522D02K
27 000
25 x 50
4.4
0.53
0.030
< 0.030
35
EYH07AD527D02K
MALIEYH07AD527D02K
27 000
30 x 40
4.4
0.59
0.030
0.030
40
EYH07BB527D02K
MALIEYH07BB527D02K
27 000
35 x 30
4.3
0.74
0.040
0.035
41
EYH07CV527D02K
MALIEYH07CV527D02K
33 000
30 x 45
4.8
0.61
< 0.030
< 0.030
45
EYH07BC533D02K
MALIEYH07BC533D02K
33 000
35 x 35
4.7
0.75
0.035
0.030
48
EYH07CA533D02K
MALIEYH07CA533D02K
39 000
30 x 50
5.2
0.62
< 0.030
< 0.030
50
EYH07BD539D02K
MALIEYH07BD539D02K
39 000
35 x 40
5.1
0.75
0.030
< 0.030
55
EYH07CB539D02K
MALIEYH07CB539D02K
47 000
35 x 45
5.5
0.74
< 0.030
< 0.030
62
EYH07CC547D02K
MALIEYH07CC547D02K
47 000
40 x 40
5.6
0.88
< 0.030
< 0.030
72
EYH07DB547D02K
MALIEYH07DB547D02K
56 000
40 x 50
6.2
0.81
< 0.030
< 0.030
89
EYH07DD556D02K
MALIEYH07DD556D02K
68 000
40 x 60
6.8
0.80
< 0.030
< 0.030
107
EYH07DF568D02K
MALIEYH07DF568D02K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105 °C
(A)
TAN
δ
120 Hz
MAX.
ESR
120 Hz
MAX.
(
Ω)
Z
10 kHz
MAX.
(
Ω)
WEIGHT
(g)
CATALOG
NUMBER
SAP MATERIAL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com