Electronic Components Datasheet Search
  English  ▼

X  

EYH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-in
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 4 Page - Vishay Siliconix

  EYH Datasheet HTML 1Page - Vishay Siliconix EYH Datasheet HTML 2Page - Vishay Siliconix EYH Datasheet HTML 3Page - Vishay Siliconix EYH Datasheet HTML 4Page - Vishay Siliconix EYH Datasheet HTML 5Page - Vishay Siliconix EYH Datasheet HTML 6Page - Vishay Siliconix EYH Datasheet HTML 7Page - Vishay Siliconix EYH Datasheet HTML 8Page - Vishay Siliconix EYH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps3@vishay.com
Document Number 25139
172
Revision: 14-Feb-08
EYH
Vishay Roederstein
Aluminum Capacitors
Standard - 105 °C Snap-in
Note
Unless otherwise specified, all electrical values apply at Ta = 20 °C,
P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
The 12th place of ordering code refers to the length of the
snap-in pins:
EYH07...020 = snap-in pin 6 mm
EYH07...424 = snap-in pin 4 mm
The 13th place of ordering code refers to the kind of
insulation:
EYH07...01
1 = sleeve insulation
The 14th place ( ), not indicated in the following table, is an
inter-company code and is not relevant to your order.
EYH07LA447F42 = EYH 4700 µF/35 V 22 mm x 35 mm,
snap-in pin 4 mm, fully insulated.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz
UR
rated voltage
tan
δ
max. dissipation factor at 120 Hz
ESR
max. equivalent series resistance at 120 Hz
Z
max. impedance at 10 kHz
IR
rated alternating current (rms), 120 Hz and upper
category temperature
Ta
ambient temperature
RH
relative humidity
P
ambient pressure
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105 °C
(A)
TAN
δ
120 Hz
MAX.
ESR
120 Hz
MAX.
(
Ω)
Z
10 kHz
MAX.
(
Ω)
WEIGHT
(g)
CATALOG
NUMBER
SAP MATERIAL
6.3
12 000
22 x 25
2.2
0.66
0.075
0.075
14
EYH07LU512B02K
MALIEYH07LU512B02K
15 000
22 x 30
2.5
0.66
0.060
0.060
16
EYH07LV515B02K
MALIEYH07LV515B02K
18 000
22 x 35
2.9
0.66
0.050
0.050
19
EYH07LA518B02K
MALIEYH07LA518B02K
18 000
25 x 25
2.8
0.74
0.055
0.055
18
EYH07AU518B02K
MALIEYH07AU518B02K
22 000
22 x 35
3.0
0.69
0.045
0.040
19
EYH07LA522B02K
MALIEYH07LA522B02K
22 000
25 x 30
3.2
0.72
0.045
0.045
21
EYH07AV522B02K
MALIEYH07AV522B02K
27 000
22 x 40
3.4
0.69
0.035
0.035
22
EYH07LB527B02K
MALIEYH07LB527B02K
27 000
25 x 35
3.5
0.73
0.040
0.035
25
EYH07AA527B02K
MALIEYH07AA527B02K
27 000
30 x 25
3.4
0.90
0.045
0.045
25
EYH07BU527B02K
MALIEYH07BU527B02K
33 000
22 x 50
3.9
0.68
0.030
0.030
27
EYH07LD533B02K
MALIEYH07LD533B02K
33 000
25 x 40
3.9
0.74
0.030
0.030
28
EYH07AB533B02K
MALIEYH07AB533B02K
33 000
30 x 30
3.8
0.87
0.035
0.035
30
EYH07BV533B02K
MALIEYH07BV533B02K
39 000
25 x 45
4.3
0.74
0.030
< 0.030
31
EYH07AC539B02K
MALIEYH07AC539B02K
39 000
30 x 35
4.2
0.86
0.030
0.030
35
EYH07BA539B02K
MALIEYH07BA539B02K
47 000
25 x 50
4.6
0.76
< 0.030
< 0.030
35
EYH07AD547B02K
MALIEYH07AD547B02K
47 000
30 x 40
4.6
0.87
< 0.030
< 0.030
40
EYH07BB547B02K
MALIEYH07BB547B02K
47 000
35 x 30
4.5
1.13
0.035
0.035
41
EYH07CV547B02K
MALIEYH07CV547B02K
56 000
30 x 50
5.2
0.82
< 0.030
< 0.030
50
EYH07BD556B02K
MALIEYH07BD556B02K
56 000
35 x 40
5.1
0.97
< 0.030
< 0.030
55
EYH07CB556B02K
MALIEYH07CB556B02K
68 000
35 x 45
5.5
1.01
< 0.030
< 0.030
62
EYH07CC568B02K
MALIEYH07CC568B02K
68 000
40 x 40
5.6
1.14
< 0.030
< 0.030
72
EYH07DB568B02K
MALIEYH07DB568B02K
10
10 000
22 x 25
2.2
0.59
0.080
0.075
14
EYH07LU510C02K
MALIEYH07LU510C02K
12 000
22 x 30
2.5
0.57
0.065
0.060
16
EYH07LV512C02K
MALIEYH07LV512C02K
15 000
22 x 35
2.8
0.59
0.055
0.050
19
EYH07LA515C02K
MALIEYH07LA515C02K
15 000
25 x 25
2.8
0.66
0.060
0.055
18
EYH07AU515C02K
MALIEYH07AU515C02K
18 000
22 x 35
3.0
0.61
0.045
0.045
19
EYH07LA518C02K
MALIEYH07LA518C02K
18 000
25 x 30
3.1
0.65
0.050
0.050
21
EYH07AV518C02K
MALIEYH07AV518C02K
22 000
22 x 40
3.4
0.62
0.040
0.040
22
EYH07LB522C02K
MALIEYH07LB522C02K
22 000
25 x 35
3.5
0.65
0.040
0.040
25
EYH07AA522C02K
MALIEYH07AA522C02K
22 000
30 x 25
3.4
0.81
0.050
0.050
25
EYH07BU522C02K
MALIEYH07BU522C02K
27 000
22 x 50
3.9
0.61
0.030
0.030
27
EYH07LD527C02K
MALIEYH07LD527C02K
27 000
25 x 40
3.9
0.66
0.035
0.035
28
EYH07AB527C02K
MALIEYH07AB527C02K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com