Electronic Components Datasheet Search
  English  ▼

X  

EYH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-in
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 1 Page - Vishay Siliconix

  EYH Datasheet HTML 1Page - Vishay Siliconix EYH Datasheet HTML 2Page - Vishay Siliconix EYH Datasheet HTML 3Page - Vishay Siliconix EYH Datasheet HTML 4Page - Vishay Siliconix EYH Datasheet HTML 5Page - Vishay Siliconix EYH Datasheet HTML 6Page - Vishay Siliconix EYH Datasheet HTML 7Page - Vishay Siliconix EYH Datasheet HTML 8Page - Vishay Siliconix EYH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number 25139
For technical questions, contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 14-Feb-08
169
EYH
Vishay Roederstein
Aluminum Capacitors
Standard - 105 °C Snap-in
FEATURES
• Polarized aluminum electrolytic capacitors
• Small dimensions
• High C • U product
APPLICATIONS
• General purpose audio/video systems, industrial
electronics, telecommunication
• Smoothing and filtering
• Standard and switch mode power supplies
Note:
(1) High voltage types are available on special requests
long
life
EYH
158
199
smaller
high
voltage
094
Component Outline
dimensions
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
UNIT
LOW VOLTAGE (1)
Nominal Case Size (Ø D x L)
mm
22 x 25 to 40 x 60
Rated Capacitance Range CR
µF
820 to 68 000
Capacitance Tolerance
%
± 20
Rated Voltage Range
V
6.3 to 100
Category Temperature Range
°C
- 40 to + 105
Endurance test at upper category temp.
h
2000
Useful life at 40 °C and IR applied
h
300 000
Shelf Life (0 V, 105 °C)
h
1000
Failure Rate (0.8 UR, 40 °C)
10-9/h
≤ 50
Based on Sectional Specifications
IEC 60384-4/EN 130300
Climatic Category
IEC 60068
40/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (∅ Dx L in mm)
CR
(µF)
UR (V) ≤ 100 V
6.3
10162535
50
63
100
820
-
-
-
-
-
-
-
22 x 30
25 x 25
1000
-
-
-
-
-
-
-
22 x 35
25 x 30
1200
-
-
-
-
-
-
22 x 25
22 x 40
25 x 35
30 x 25
1500
-
-
-
-
-
-
22 x 30
25 x 25
22 x 45
25 x 40
30 x 30
1800
-
-
-
-
-
-
22 x 30
25 x 25
25 x 45
30 x 35
2200
-
-
-
-
-
22 x 25
22 x 35
25 x 30
25 x 50
30 x 40
35 x 30
2700
-
-
-
-
-
22 x 30
22 x 40
25 x 30
30 x 25
30 x 45
35 x 35


Similar Part No. - EYH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-In
24-May-13
More results

Similar Description - EYH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
26-Aug-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-In
24-May-13
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com