Electronic Components Datasheet Search
  English  ▼

X  

TEA6430 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TEA6430
Description  AUDIO CELLULAR MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6430 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TEA6430 Datasheet HTML 2Page - STMicroelectronics TEA6430 Datasheet HTML 3Page - STMicroelectronics TEA6430 Datasheet HTML 4Page - STMicroelectronics TEA6430 Datasheet HTML 5Page - STMicroelectronics TEA6430 Datasheet HTML 6Page - STMicroelectronics TEA6430 Datasheet HTML 7Page - STMicroelectronics TEA6430 Datasheet HTML 8Page - STMicroelectronics TEA6430 Datasheet HTML 9Page - STMicroelectronics TEA6430 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
C7
C6
C8
C9
C10
100nF
RIGHT
INPUTS
[6, 10]
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
11
12
13
14
15
21
22
23
24
C2
C1
C3
C4
C5
T
E
A
6
4
3
0
100nF
VCC (+8V)
LEFT
INPUTS
[1, 5]
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
11
12
13
14
15
21
22
23
24
T
E
A
6
4
3
0
V
CC
C15
C17
C16
C18
C11
C13
C12
C14
RL
OUT 1
R
L
OUT 2
RL
OUT 3
RL
OUT 4
SDA
SCL
I C
2
SDA
SCL
I C
2
C23
C22
C21
C20
C19
C28
C27
C26
C25
C24
RIGHT
INPUTS
[1, 5]
RIGHT
INPUTS
[6, 10]
*C1 to C28 = 4.7
µF
22
µF
TYPICAL APPLICATION
TEA6430
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com