Electronic Components Datasheet Search
  English  ▼

X  

TEA6430 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA6430
Description  AUDIO CELLULAR MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6430 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA6430 Datasheet HTML 1Page - STMicroelectronics TEA6430 Datasheet HTML 2Page - STMicroelectronics TEA6430 Datasheet HTML 3Page - STMicroelectronics TEA6430 Datasheet HTML 4Page - STMicroelectronics TEA6430 Datasheet HTML 5Page - STMicroelectronics TEA6430 Datasheet HTML 6Page - STMicroelectronics TEA6430 Datasheet HTML 7Page - STMicroelectronics TEA6430 Datasheet HTML 8Page - STMicroelectronics TEA6430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
24
22
23
21
20
19
18
17
3
1
2
SUPPLY
BUS DECODER
16
14
12
10
45678
15
13
11
9
SDA
SCL
ADR
RIGHT INP UTS
LEF T INP UTS
3 STATES
OUT
C
GND
V
S
3 STATES
OUT
3 STATES
OUT
3 STATES
OUT
3 STATES
OUT
3 STATES
OUT
3 STATES
OUT
GAIN
3 STATES
OUT
G
G
G
G
G
G
G
T
E
A
6
4
3
0
The output loads have to be larger than 2k
Ω (typical 10kΩ) and 1500pF
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
12
V
VI
Voltage at Pin i to GND
0, VCC
V
Toper
Operating Ambient Temperature
0, + 70
oC
Tstg
Storage Temperature
-20, + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
75
oC/W
TEA6430
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com