Electronic Components Datasheet Search
  English  ▼

X  

TEA6430 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA6430
Description  AUDIO CELLULAR MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6430 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA6430 Datasheet HTML 2Page - STMicroelectronics TEA6430 Datasheet HTML 3Page - STMicroelectronics TEA6430 Datasheet HTML 4Page - STMicroelectronics TEA6430 Datasheet HTML 5Page - STMicroelectronics TEA6430 Datasheet HTML 6Page - STMicroelectronics TEA6430 Datasheet HTML 7Page - STMicroelectronics TEA6430 Datasheet HTML 8Page - STMicroelectronics TEA6430 Datasheet HTML 9Page - STMicroelectronics TEA6430 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
10
9
8
7
6
5
78
9
10
11
12
SUPPLY VOLTAGE (V)
T
=25
°C
All outputs enabled
A
Figure 1 :
Supply Current as a Function of
Supply Voltage
89
87
85
83
7
8
9
101112
SUPPLY VOLTAGE (V)
Gain = 0dB
V
= 600mVRMS
IN
T= 25
°C
A
Figure 3 :
Ripple Rejection as a Function of
Supply Voltage
8
7
6
5
-20
0
20
40
60
80
TEMPERAT URE (
°C)
V= 8V
All outputs enabled
CC
Figure 2 :
Supply Current as a Function of
Temperature
88
87
86
84
-20
0
20
40
60
80
TEMPERAT URE (
°C)
V= 8V
Gain = 0dB
f= 1kHz
A ll outputs enabled
CC
85
83
Figure 4 :
Ripple Rejection as a Function of
Temperature
TYPICAL PERFORMANCES
90
85
80
70
0
246
GAIN (dB)
75
65
V= 8V
T
=25
°C
V
= 600m VRMS
IN
A
CC
Figure 5 :
Ripple Rejection as a Function of
Gain
3.7
2.1
1.9
78
9
10
11
12
SUPPLY VOLTAGE (V)
2.3
2.5
2.7
2.9
3.1
3.3
3.5
T= 25
°C
Distortion = 0.3%
A
Gain = 0dB
Figure 6 :
Clipping Level as a Function of
Supply Voltage
TEA6430
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com