Electronic Components Datasheet Search
  English  ▼

X  

LSN2-T Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # LSN2-T
Description  DOSA-SIP, 30A POL DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN2-T Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button LSN2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 17Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
LSN2-T/30-D12 Series
DOSA-SIP, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PERFORMANCE DATA: OUTPUT VOLTAGE = 0.8 VOLTS
Output Ripple & Noise (Vin = 12 V, Iout = 30 A,
Cout = 10µF || 0.1µF, ’scope = 20 MHz BW)
Power-On Startup (Vin = 12 V, Iout = 25 A)
Ch1 = Vin, Ch2 = Vout
StepLoad Transient Response (Vin = 12 V, 0-15A-0)
Ch1 = Vout, Ch2 = Iout, 10 A/div.
Efficiency vs. Line Voltage and Load Current @ 25°C (Vout = 0.8V)
Maximum Current Temperature Derating @sea level
(Vin = 12V, Vout = 0.8V, longitudinal airflow)
35
45
55
65
75
85
1 2
3 4 5
6 7 8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Output Current (Amps)
VIN = 6 V
VIN = 12 V
VIN = 14 V
18.00
19.00
20.00
21.00
22.00
23.00
24.00
25.00
26.00
27.00
28.00
29.00
30.00
31.00
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Ambient Temperature (°C)
Natural Convection
100 LFM
200 LFM
300 LFM
400 LFM
MDC_LSN2-T/30-D12 Series.B15 Page 16 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com