Electronic Components Datasheet Search
  English  ▼

X  

LSN2-T Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LSN2-T
Description  DOSA-SIP, 30A POL DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN2-T Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LSN2-T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LSN2-T/30-D12 Series
DOSA-SIP, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSN2-T/30-D12 Series.B15 Page 3 of 17
Power Good Output (15)
Configuration
Positive-true open drain FET with internal
10 Kilohm pullup to +5 Vdc
Operation
TRUE (power is okay) = High, approx. 5Vdc
FALSE (power is not ready) = Low, < 1V typ.,
while DC/DC is powered
External sink current
4.5 mA max. (< 1mA is recommended
to retain Vpg < 1V)
FALSE conditions (OR’d)
Soft start is active, Tracking is active, output
is greater than ±10% out of regulation,
overcurrent, or overtemperature
Dynamic Characteristics
Dynamic Load Response
60µsec to within ±2% of final value
(50-100-50% step, di/dt = 20A/msec)
Start-Up Time
7mS for VOUT = nominal
(VIN on to VOUT regulated or On/Off to VOUT)
Switching Frequency
520 ±50kHz
Environmental
Calculated MTBF (4)
4, 018, 248 Hours
Operating Temperature Range
–40 to +85°C with derating
See Derating Curves
Operating PC Board Temperature
–40 to +100°C max. (12)
Storage Temperature Range
–55 to +125°C
Thermal Protection/Shutdown
+115°C
Relative Humidity
To 85°C/85% RH, non-condensing
Physical
Outline Dimensions
See Mechanical Specifications
Weight
0.28 ounces (7.8 grams)
Electromagnetic Interference
Designed to meet FCC part 15, class B,
EN55022 (conducted and radiated)
(may need external filter)
Safety
Designed to meet UL/cUL 60950-1,
CSA-C22.2 No.60950-1, IEC/EN 60950-1
Performance/Functional Specifications (1)
Input
Input Voltage Range
See Ordering Guide
Isolation
Not isolated. Input and output
Commons are internally connected.
Start-Up Voltage
5.5 Volts
Undervoltage Shutdown
5.2 Volts
Overvoltage Shutdown
None
Reflected (Back) Ripple Current (2)
20mAp-p
Internal Input Filter Type
Capacitive
Reverse Polarity Protection
See fuse information
Input Current:
Full Load Conditions
See Ordering Guide
Inrush Transient
0.4A2sec
Shutdown Mode (Off, UV, OT)
5mA
Output Short Circuit
60mA
No Load, 5VOUT
200mA
Low Line (VIN = VMIN, 5VOUT)
18.8 Amps
Remote On/Off Control: (5)
Negative Logic (No suffix)
ON = 0 to +0.5V max.
OFF = +2V min. to +14V max.
Current
1 mA max.
Output
Voltage Output Range
See Ordering Guide
Minimum Loading
No minimum load
Accuracy (50% load)
±1.5% of Vnominal
Voltage Adjustment Range (13)
See Ordering Guide
Overvoltage Protection
None
Temperature Coefficient
±0.02% per °C of Vout range
Ripple/Noise (20 MHz bandwidth)
See Ordering Guide (8)
Line/Load Regulation (See Tech. Notes) See Ordering Guide (10)
Efficiency
See Ordering Guide
Maximum Capacitive Loading (15)
Cap-ESR = 0.001 to 0.01
W
5,000µF
Cap-ESR > 0.01
W
10,000µF
Current Limit Inception
48 Amps (cold startup)
(98% of VOUT setting)
42 Amps (after warm up)
Short Circuit Mode (6)
Short Circuit Current Output
600mA
Protection Method (14)
Hiccup autorecovery on overload removal
Short Circuit Duration
Continuous, no damage
(output shorted to ground)
Pre-bias Startup (16)
Converter will start up if the external
output voltage is less than VNOMINAL
Sequencing
Slew Rate
2V max. per millisecond
Startup delay until sequence start
10 milliseconds
Tracking accuracy, rising input
Vout= ±200mV of Sequence In
Tracking accuracy, falling input
Vout = ±400mV of Sequence In
Remote Sense to Vout
0.5V max. (7)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous or transient)
+15 Volts
On/Off Control
0V min. to + Vin max.
Input Reverse Polarity Protection
See Fuse section
Output Current (7)
Current-limited. Devices can withstand
sustained short circuit without damage.
Storage Temperature
–55 to +125°C
Lead Temperature
See soldering guidelines
These are stress ratings. Exposure of devices to greater than any of these conditions may
adversely affect long-term reliability. Proper operation under conditions other than those listed in
the Performance/Functional Specifications Table is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com