Electronic Components Datasheet Search
  English  ▼

X  

IL74 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL74
Description  Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL74 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL74 Datasheet HTML 1Page - Vishay Siliconix IL74 Datasheet HTML 2Page - Vishay Siliconix IL74 Datasheet HTML 3Page - Vishay Siliconix IL74 Datasheet HTML 4Page - Vishay Siliconix IL74 Datasheet HTML 5Page - Vishay Siliconix IL74 Datasheet HTML 6Page - Vishay Siliconix IL74 Datasheet HTML 7Page - Vishay Siliconix IL74 Datasheet HTML 8Page - Vishay Siliconix IL74 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83640
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 09-Jan-08
1
Optocoupler, Phototransistor Output
(Single, Dual, Quad Channel)
IL74/ILD74/ILQ74
Vishay Semiconductors
DESCRIPTION
The IL74/ILD74/ILQ74 is an optically coupled pair with a
GaAIAs infrared LED and a silicon NPN phototransistor.
Signal information, including a DC level, can be transmitted
by the device while maintaining a high degree of electrical
isolation between input and output.The IL74/ILD74/ILQ74 is
especially for driving medium-speed logic, where it may be
used to eliminate troublesome ground loop and noise
problems. Also it can be used to replace relays and
transformers in many digital interface applications, as well as
analog applications such as CTR modulation.
The ILD74 has two isolated channels in a single DIP
package; the ILQ74 has four isolated channels per package.
FEATURES
• IL74/ILD74/ILQ74 TTL compatible
• Transfer ratio, 35 % typical
• Coupling capacitance, 0.5 pF
• Single, dual, and quad channel
• Industry standard DIP packages
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• CSA 93751
• BSI IEC 60950; IEC 60065
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1, X001 suffix
•FIMKO
Note
For additional information on the available options refer to option information.
i179015
1
2
3
6
5
4
B
C
E
A
C
NC
1
2
3
4
8
7
6
5
E
C
C
E
A
C
C
A
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Single Channel
Dual Channel
Quad Channel
ORDER INFORMATION
PART
REMARKS
IL74
CTRDC > 12.5 %, single channel DIP-6
ILD74
CTRDC > 12.5 %, dual channel DIP-8
ILQ74
CTRDC > 12.5 %, quad channel DIP-16
IL74-X006
CTRDC > 12.5 %, single channel DIP-6 400 mil (option 6)
ILD74-X006
CTRDC > 12.5 %, dual channel DIP-8 400 mil (option 6)
ILD74-X007
CTRDC > 12.5 %, dual channel SMD-8 (option 7)
ILD74-X009
CTRDC > 12.5 %, dual channel SMD-8 (option 9)
ILQ74-X009
CTRDC > 12.5 %, dual channel SMD-16 (option 9)


Similar Part No. - IL74

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
ISOCOM COMPONENTS
IL74 ISOCOM-IL74 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
More results

Similar Description - IL74

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
28-Jun-11
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Dec-2020
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
15-Apr-2021
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Mar-2021
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com