Electronic Components Datasheet Search
  English  ▼

X  

IL74 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL74
Description  Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL74 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL74 Datasheet HTML 1Page - Vishay Siliconix IL74 Datasheet HTML 2Page - Vishay Siliconix IL74 Datasheet HTML 3Page - Vishay Siliconix IL74 Datasheet HTML 4Page - Vishay Siliconix IL74 Datasheet HTML 5Page - Vishay Siliconix IL74 Datasheet HTML 6Page - Vishay Siliconix IL74 Datasheet HTML 7Page - Vishay Siliconix IL74 Datasheet HTML 8Page - Vishay Siliconix IL74 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83640
4
Rev. 1.6, 09-Jan-08
IL74/ILD74/ILQ74
Vishay Semiconductors
Optocoupler, Phototransistor Output
(Single, Dual, Quad Channel)
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
Fig. 7 - Collector Emitter Leakage Current vs.Temperature
Fig. 8 - Normalized CTRcb vs. LED Current and Temperature
Fig. 9 - Collector Base Photocurrent vs. LED Current
Fig. 10 - Normalized Photocurrent vs. IF and Temperature
iil74_05
0.1
1
10
100
1.5
1.0
0.5
0.0
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
V
CE = 10 V,IF = 10 mA, TA = 25 °C
CTRce(sat) VCE = 0.4 V
T
A = 85 °C
iil74_06
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
IF - LED Current (mA)
25 °C
40
iil74_07
100
80
60
40
20
0
- 20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
TA - Ambient Temperature (°C)
VCE = 10 V
Typical
iil74_08
0.1
1
10
100
0.0
0.5
1.0
1.5
25 °C
50 °C
70 °C
IF - Current (mA)
IF = 10 mA
Vcb = 9.3 V
Ta = 25 °C
Normalized to:
iil74_09
100
10
1
0.1
0.01
0.1
1
10
100
1000
IF - LED Current (mA)
Icb = 1.0357 * IF ^ 1.3631
Ta = 25 °C
iil74_10
100
10
1
0.1
0.01
0.1
1
10
IF - LED Current (mA)
Normalized to:
IF = 10 mA, Ta = 25 °C
NIB - Ta = - 20 °C
NIb, Ta = 25 °C
NIb, Ta = 50 °C
NIb, Ta = 70 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com