Electronic Components Datasheet Search
  English  ▼

X  

IL74 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL74
Description  Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL74 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL74 Datasheet HTML 1Page - Vishay Siliconix IL74 Datasheet HTML 2Page - Vishay Siliconix IL74 Datasheet HTML 3Page - Vishay Siliconix IL74 Datasheet HTML 4Page - Vishay Siliconix IL74 Datasheet HTML 5Page - Vishay Siliconix IL74 Datasheet HTML 6Page - Vishay Siliconix IL74 Datasheet HTML 7Page - Vishay Siliconix IL74 Datasheet HTML 8Page - Vishay Siliconix IL74 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83640
2
Rev. 1.6, 09-Jan-08
IL74/ILD74/ILQ74
Vishay Semiconductors
Optocoupler, Phototransistor Output
(Single, Dual, Quad Channel)
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Peak reverse voltage
VR
3.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 55 %
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
20
V
Emitter collector breakdown voltage
BVECO
5.0
V
Collector base breakdown voltage
BVCBO
70
V
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2.0
mW/°C
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Total package dissipation
IL74
Ptot
200
mW
ILD74
Ptot
400
mW
ILQ74
Ptot
500
mW
Derate linearly from 25 °C
IL74
2.7
mW/°C
ILD74
5.33
mW/°C
ILQ74
6.67
mW/°C
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.3
1.5
V
Reverse current
VR = 3.0 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CO
25
pF
OUTPUT
Collector emitter breakdown voltage
IC = 1.0 mA
BVCEO
20
50
V
Collector emitter leakage current
VCE = 5.0 V, IF = 0 A
ICEO
5.0
500
nA
Capacitance collector emitter
VCE = 0 V, f = 1.0 Hz
CCE
10
pF
COUPLER
Saturation voltage, collector emitter
IC = 2.0 mA, IF = 16 mA
VCEsat
0.3
0.5
V
Resistance (input to output)
RIO
100
G
Ω
Capacitance (input to output)
CIO
0.5
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com