Electronic Components Datasheet Search
  English  ▼

X  

AD5045 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5045
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5045 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5045 Datasheet HTML 10Page - Analog Devices AD5045 Datasheet HTML 11Page - Analog Devices AD5045 Datasheet HTML 12Page - Analog Devices AD5045 Datasheet HTML 13Page - Analog Devices AD5045 Datasheet HTML 14Page - Analog Devices AD5045 Datasheet HTML 15Page - Analog Devices AD5045 Datasheet HTML 16Page - Analog Devices AD5045 Datasheet HTML 17Page - Analog Devices AD5045 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 14 of 28
CH1 50mV CH2 5V
M4µs
A CH2
1.2V
T 8.6%
CH1 200mV p-p
VOUT
SCLK
Figure 36. Glitch Upon Entering Power-Down (1 kΩ to GND) from Zero Scale,
5 kΩ/200 pF Load
CH1 20mV CH2 5V
M4µs
A CH2
1.2V
T 8.6%
CH1 129mV p-p
VOUT
SCLK
Figure 37. Glitch Upon Exiting Power-Down (1 kΩ to GND) to Zero Scale, No
Load
CH1 20mV CH2 5V
M4µs
A CH2
1.2V
T 8.6%
CH1 170mV p-p
VOUT
SCLK
Figure 38. Glitch Upon Exiting Power-Down (1 kΩ to GND) to Zero Scale,
5 kΩ/200 pF Load
CH1 5.00V
CH2 1V
M1µs
A CH1
2.5V
2
1
VOUT
PDL
Figure 39. PDL Activation Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com