Electronic Components Datasheet Search
  English  ▼

X  

AD5045 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5045
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5045 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5045 Datasheet HTML 19Page - Analog Devices AD5045 Datasheet HTML 20Page - Analog Devices AD5045 Datasheet HTML 21Page - Analog Devices AD5045 Datasheet HTML 22Page - Analog Devices AD5045 Datasheet HTML 23Page - Analog Devices AD5045 Datasheet HTML 24Page - Analog Devices AD5045 Datasheet HTML 25Page - Analog Devices AD5045 Datasheet HTML 26Page - Analog Devices AD5045 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 23 of 28
MICROPROCESSOR INTERFACING
AD5025/AD5045/AD5065 to Blackfin ADSP-BF53x
Interface
Figure 46 shows a serial interface between the AD5025/AD5045/
AD5065 and the Blackfin® ADSP-BF53x microprocessor. The
ADSP-BF53x processor family incorporates two dual-channel
synchronous serial ports, SPORT1 and SPORT0, for serial and
multiprocessor communications. Using SPORT0 to connect to
the AD5025/AD5045/AD5065, the setup for the interface is
as follows: DT0PRI drives the DIN pin of the AD5025/AD5045/
AD5065, and TSCLK0 drives the SCLK of the parts. The SYNC is
driven from TFS0.
AD5025/
AD5045/
AD5065*
ADSP-BF53x*
SYNC
TFS0
DIN
DT0PRI
SCLK
TSCLK0
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 46. AD5025/AD5045/AD5065 to Blackfin ADSP-BF53x Interface
AD5025/AD5045/AD5065 to 68HC11/68L11 Interface
Figure 47 shows a serial interface between the AD5025/AD5045/
AD5065 and the 68HC11/68L11 microcontroller. SCK of the
68HC11/68L11 drives the SCLK of the AD5025/AD5045/AD5065,
and the MOSI output drives the serial data line of the DAC.
AD5025/
AD5045/
AD5065*
68HC11/68L11*
SYNC
PC7
SCLK
SCK
DIN
MOSI
*ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 47. AD5025/AD5045/AD5065 to 68HC11/68L11 Interface
The SYNC signal is derived from a port line (PC7). The setup
conditions for correct operation of this interface are as follows:
The 68HC11/68L11 is configured with its CPOL bit as 0, and its
CPHA bit as 1. When data is being transmitted to the DAC, the
SYNC line is taken low (PC7). When the 68HC11/68L11 is
configured as described previously, data appearing on the MOSI
output is valid on the falling edge of SCK. Serial data from the
68HC11/68L11 is transmitted in 8-bit bytes with only eight
falling clock edges occurring in the transmit cycle. Data is
transmitted MSB first. To load data to the AD5025/AD5045/
AD5065, PC7 is left low after the first eight bits are transferred,
and a second serial write operation is performed to the DAC.
PC7 is taken high at the end of this procedure.
AD5025/AD5045/AD5065 to 80C51/80L51 Interface
Figure 48 shows a serial interface between the AD5025/AD5045/
AD5065 and the 80C51/80L51 microcontroller. The setup for
the interface is as follows: TxD of the 80C51/80L51 drives SCLK
of the AD5025/AD5045/AD5065, and RxD drives the serial
data line of the part. The SYNC signal is again derived from a
bit-programmable pin on the port. In this case, Port Line P3.3 is
used. When data is to be transmitted to the AD5025/AD5045/
AD5065, P3.3 is taken low. The 80C51/80L51 transmits data in
8-bit bytes only; thus, only eight falling clock edges occur in the
transmit cycle. To load data to the DAC, P3.3 is lept low after
the first eight bits are transmitted, and a second write cycle is
initiated to transmit the second byte of data. P3.3 is taken high
following the completion of this cycle. The 80C51/80L51 outputs
the serial data in LSB-first format. The AD5025/AD5045/AD5065
must receive data with the MSB first. The 80C51/80L51 transmit
routine should take this into account.
AD5025/
AD5045/
AD5065*
SYNC
P3.3
SCLK
TxD
DIN
RxD
*ADDITIONAL PINS OMITTED FOR CLARITY.
80C51/80L51*
Figure 48. AD5025/AD5045/AD5065 to 80C51/80L51 Interface
AD5025/AD5045/AD5065 to MICROWIRE Interface
Figure 49 shows an interface between the AD5025/AD5045/
AD5065 and any MICROWIRE-compatible device. Serial data is
shifted out on the falling edge of the serial clock and is clocked into
the AD5025/AD5045/AD5065 on the rising edge of SCLK.
AD5025/
AD5045/
AD5065*
SYNC
CS
DIN
SK
SCLK
SO
*ADDITIONAL PINS OMITTED FOR CLARITY.
MICROWIRE*
Figure 49. AD5025/AD5045/AD5065 to MICROWIRE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com