Electronic Components Datasheet Search
  English  ▼

X  

AD5045 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5045
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5045 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5045 Datasheet HTML 14Page - Analog Devices AD5045 Datasheet HTML 15Page - Analog Devices AD5045 Datasheet HTML 16Page - Analog Devices AD5045 Datasheet HTML 17Page - Analog Devices AD5045 Datasheet HTML 18Page - Analog Devices AD5045 Datasheet HTML 19Page - Analog Devices AD5045 Datasheet HTML 20Page - Analog Devices AD5045 Datasheet HTML 21Page - Analog Devices AD5045 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 18 of 28
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
XX
X
DB31 (MSB)
DB0 (LSB)
DATA BITS
Figure 41. AD5065 Input Register Content
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
XX
X
X
XX
X
DB31 (MSB)
DB0 (LSB)
DATA BITS
Figure 42. AD5045 Input Register Content
ADDRESS BITS
COMMAND BITS
C3
C2
C1
C0
A3
A2
A1
A0
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
XXXX
X
XX
X
DB31 (MSB)
DB0 (LSB)
DATA BITS
Figure 43. AD5025 Input Register Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com