Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7682 Datasheet HTML 19Page - Analog Devices AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices AD7682 Datasheet HTML 23Page - Analog Devices AD7682 Datasheet HTML 24Page - Analog Devices AD7682 Datasheet HTML 25Page - Analog Devices AD7682 Datasheet HTML 26Page - Analog Devices AD7682 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7682/AD7689
Rev. 0 | Page 23 of 28
The register can be written to during conversion, during
acquisition, or spanning acquisition/conversion and is updated at
the end of conversion, tCONV (max). There is always a one deep
delay when writing CFG. Note that, at power up, the CFG is
undefined and two dummy conversions are required to update
the register. To preload the CFG with a factory setting, hold
DIN high for two conversions. Thus CFG[13:0] = 0x3FFF. This
sets the AD7682/AD7689 for
•
IN[7:0] unipolar referenced to GND, sequenced in order
•
Full bandwidth for one-pole filter
•
Internal reference/temperature sensor disabled, buffer
enabled
•
No readback of CFG
Table 9 summarizes the configuration register bit details. See
the Theory of Operation section for more details.
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CFG
INCC
INCC
INCC
INx
INx
INx
BW
REF
REF
REF
SEQ
SEQ
RB
Table 9. Configuration Register Description
Bit(s)
Name
Description
[13]
CFG
Configuration update.
0 = Keep current configuration settings.
1 = Overwrite contents of register.
[12:10]
INCC
Input channel configuration. Selection of pseudobipolar, pseudodifferential, pairs, single-ended or temperature sensor. Refer to
the
Input Configurations section.
Bit 12
Bit 11
Bit 10
Function
0
0
X
Bipolar differential pairs; INx− referenced to VREF/2 ± 0.1 V.
0
1
0
Bipolar; INx referenced to COM = VREF/2 ± 0.1 V.
0
1
1
Temperature sensor.
1
0
X
Unipolar differential pairs; INx− referenced to GND ± 0.1 mV.
1
1
0
Unipolar, IN0 to IN7 referenced to COM = GND ± 0.1 V (GND sense).
1
1
1
Unipolar, IN0 to IN7 referenced to GND.
[9:7]
INx
Input channel selection in binary fashion.
AD7682
AD7689
Bit 9
Bit 8
Bit 7
Channel
Bit 9
Bit 8
Bit 7
Channel
0
0
X
IN0
0
0
0
IN0
0
1
X
IN1
0
0
1
IN1
1
0
X
IN2
…
…
…
1
1
X
IN3
1
1
1
IN7
[6]
BW
Select bandwidth for low-pass filter. Refer to the
Selectable Low Pass Filter section.
0 = ¼ of BW, uses an additional series resistor to further bandwidth limit the noise. Maximum throughout must be reduced to ¼
also.
1 = Full BW.
[5:3]
REF
Reference/buffer selection. Selection of internal, external, external buffered, and enabling of the on-chip temperature sensor.
Refer to the
Voltage Reference Output/Input section.
Bit 5
Bit 4
Bit 3
Function
0
0
0
Internal reference, REF = 2.5 V output.
0
0
1
Internal reference, REF = 4.096 V output.
0
1
0
External reference, temperature enabled.
0
1
1
External reference, internal buffer, temperature enabled.
1
1
0
External reference, temperature disabled.
1
1
1
External reference, internal buffer, temperature disabled.
[2:1]
SEQ
Channel sequencer. Allows for scanning channels in an IN0 to INx fashion. Refer to the
Sequencer section.
Bit 2
Bit 1
Function
0
0
Disable sequencer.
0
1
Update configuration during sequence.
1
0
Scan IN0 to INx (set in CFG[9:7]), then temperature.
1
1
Scan IN0 to INx (set in CFG[9:7]).
0
RB
Read back the CFG register.
0 = Read back current configuration at end of data.
1 = Do not read back contents of configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com